Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 188Page - Renesas Technology Corp SH7201 Datasheet HTML 189Page - Renesas Technology Corp SH7201 Datasheet HTML 190Page - Renesas Technology Corp SH7201 Datasheet HTML 191Page - Renesas Technology Corp SH7201 Datasheet HTML 192Page - Renesas Technology Corp SH7201 Datasheet HTML 193Page - Renesas Technology Corp SH7201 Datasheet HTML 194Page - Renesas Technology Corp SH7201 Datasheet HTML 195Page - Renesas Technology Corp SH7201 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 1196 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 164 of 1164
REJ09B0321-0200
7.3.1
Break Address Register (BAR)
BAR is a 32-bit readable/writable register. BAR specifies the address used as a break condition in
each channel. The control bits CD[1:0] in the break bus cycle register (BBR) select one of the
three address buses for a break condition. BAR is initialized to H'00000000 by a power-on reset or
in deep standby, but retains its previous value by a manual reset or in software standby mode or
sleep mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
BA31 BA30 BA29 BA28 BA27 BA26 BA25 BA24 BA23 BA22 BA21 BA20 BA19 BA18 BA17 BA16
BA15 BA14 BA13 BA12 BA11 BA10
BA9
BA8
BA7
BA6
BA5
BA4
BA3
BA2
BA1
BA0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BA31 to BA0 All 0
R/W
Break Address
Store an address on the CPU address bus (FAB or
MAB) or IAB specifying break conditions.
When the C bus and instruction fetch cycle are
selected by BBR, specify an FAB address in bits BA31
to BA0.
When the C bus and data access cycle are selected by
BBR, specify an MAB address in bits BA31 to BA0.
Note:
When setting the instruction fetch cycle as a break condition, clear the LSB in BAR to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com