Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 395Page - Renesas Technology Corp SH7101 Datasheet HTML 396Page - Renesas Technology Corp SH7101 Datasheet HTML 397Page - Renesas Technology Corp SH7101 Datasheet HTML 398Page - Renesas Technology Corp SH7101 Datasheet HTML 399Page - Renesas Technology Corp SH7101 Datasheet HTML 400Page - Renesas Technology Corp SH7101 Datasheet HTML 401Page - Renesas Technology Corp SH7101 Datasheet HTML 402Page - Renesas Technology Corp SH7101 Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 365 of 522
REJ09B0069-0100
13.3.1
Timer Mode Register (MMT_TMDR)
MMT_TMDR sets the operating mode and selects the PWM output level. (In this section, the
name of this register is abbreviated to TMDR hereafter.)
Bit
Bit Name
Initial
Value
R/W
Description
7
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
5
4
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Select the clock input to MMT.
000: P
φ
001: P
φ/4
010: P
φ/16
011: P
φ/64
100: P
φ/256
101: P
φ/1024
11x: Setting prohibited
[Legend] x: Don’t care.
3
OLSN
0
R/W
Output Level Select N
Selects the negative phase output level in the
operating modes.
0: Active level is low
1: Active level is high
2
OLSP
0
R/W
Output Level Select P
Selects the positive phase output level in the operating
modes.
0: Active level is low
1: Active level is high
1
0
MD1
MD0
0
0
R/W
R/W
Mode 3 to 0
Set the timer operating mode.
00: Operation halted
01: Operating mode 1 (Transfer at TCNT = TPDR)
10: Operating mode 2 (Transfer at TCNT = TDDR
× 2)
11: Operating mode 3 (Transfer at TCNT = TPDR or
TCNT = TDDR
× 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com