Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 399Page - Renesas Technology Corp SH7101 Datasheet HTML 400Page - Renesas Technology Corp SH7101 Datasheet HTML 401Page - Renesas Technology Corp SH7101 Datasheet HTML 402Page - Renesas Technology Corp SH7101 Datasheet HTML 403Page - Renesas Technology Corp SH7101 Datasheet HTML 404Page - Renesas Technology Corp SH7101 Datasheet HTML 405Page - Renesas Technology Corp SH7101 Datasheet HTML 406Page - Renesas Technology Corp SH7101 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 369 of 522
REJ09B0069-0100
13.3.10
Timer Period Data Register (TPDR)
TPDR functions as a 16-bit compare register. In the operating modes, the TPDR value is
constantly compared with the TCNT counter value, and when they match, the TCNT counter
changes its count direction from up to down. The initial value of TPDR is H'FFFF. Only 16-bit
access can be used on TPDR; 8-bit access is not possible.
13.4
Operation
When the operating mode is selected, a three-phase PWM waveform is output with a non-overlap
relationship between the positive and negative phases.
The PUOA, PUOB, PVOA, PVOB, PWOA, and PWOB pins are PWM output pins, the PCIO pin
(when set to output) functions as a toggle output synchronized with the PWM waveform, and the
PCI0 pin (when set to input) functions as the counter clear signal input. The TCNT counter
performs up- and down-count operations, whereas the TDCNT counters perform up-count
operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com