Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 106Page - Renesas Technology Corp SH7101 Datasheet HTML 107Page - Renesas Technology Corp SH7101 Datasheet HTML 108Page - Renesas Technology Corp SH7101 Datasheet HTML 109Page - Renesas Technology Corp SH7101 Datasheet HTML 110Page - Renesas Technology Corp SH7101 Datasheet HTML 111Page - Renesas Technology Corp SH7101 Datasheet HTML 112Page - Renesas Technology Corp SH7101 Datasheet HTML 113Page - Renesas Technology Corp SH7101 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 560 page
background image
Section 6 Interrupt Controller (INTC)
Rev.1.00 Sep. 18, 2008 Page 76 of 522
REJ09B0069-0100
6.3.1
Interrupt Control Register 1 (ICR1)
ICR1 is a 16-bit register that sets the input signal detection mode of the external interrupt input
pins NMI and
IRQ0 to IRQ3 and indicates the input signal level at the NMI pin.
Bit
Bit Name
Initial
Value
R/W
Description
15
NMIL
1/0
R
NMI Input Level
Sets the level of the signal input to the NMI pin. This bit
can be read to determine the NMI pin level. This bit
cannot be modified.
0: NMI input level is low
1: NMI input level is high
14 to 9
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
8
NMIE
0
R/W
NMI Edge Select
0: Interrupt request is detected at falling edge of NMI
input
1: Interrupt request is detected at rising edge of NMI
input
7
IRQ0S
0
R/W
IRQ0 Sense Select
Sets the IRQ0 interrupt request detection mode.
0: Interrupt request is detected at low level of IRQ0
input
1: Interrupt request is detected at edge of IRQ0 input
(edge direction is selected by ICR2)
6
IRQ1S
0
R/W
IRQ1 Sense Select
Sets the IRQ1 interrupt request detection mode.
0: Interrupt request is detected at low level of IRQ1
input
1: Interrupt request is detected at edge of IRQ1 input
(edge direction is selected by ICR2)
5
IRQ2S
0
R/W
IRQ2 Sense Select
Sets the IRQ2 interrupt request detection mode.
0: Interrupt request is detected at low level of IRQ2
input
1: Interrupt request is detected at edge of IRQ2 input
(edge direction is selected by ICR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com