Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 114Page - Renesas Technology Corp SH7101 Datasheet HTML 115Page - Renesas Technology Corp SH7101 Datasheet HTML 116Page - Renesas Technology Corp SH7101 Datasheet HTML 117Page - Renesas Technology Corp SH7101 Datasheet HTML 118Page - Renesas Technology Corp SH7101 Datasheet HTML 119Page - Renesas Technology Corp SH7101 Datasheet HTML 120Page - Renesas Technology Corp SH7101 Datasheet HTML 121Page - Renesas Technology Corp SH7101 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 560 page
background image
Section 6 Interrupt Controller (INTC)
Rev.1.00 Sep. 18, 2008 Page 84 of 522
REJ09B0069-0100
6.5
Interrupt Exception Processing Vectors Table
Table 6.2 lists interrupt sources and their vector numbers, vector table address offsets, and
interrupt priorities.
Each interrupt source is allocated a different vector number and vector table address offset. Vector
table addresses are calculated from the vector numbers and address offsets. In interrupt exception
processing, the exception service routine start address is fetched from the vector table indicated by
the vector table address. For the details of calculation of vector table address, see table 5.4.
IRQ interrupts and on-chip peripheral module interrupt priorities can be set freely between 0 and
15 for each pin or module by setting interrupt priority registers A, D to K (IPRA, IPRD to IPRK).
However, the smaller vector number has interrupt source, the higher priority ranking is assigned
among two or more interrupt sources specified by the same IPR, and the priority ranking cannot be
changed. A power-on reset assigns priority level 0 to IRQ interrupts and on-chip peripheral
module interrupts. If the same priority level is assigned to two or more interrupt sources and
interrupts from those sources occur simultaneously, they are processed by the default priority
order indicated in table 6.2.
Table 6.2
Interrupt Exception Processing Vectors and Priorities
Interrupt
Source
Name
Vector
No.
Vector Table
Starting Address
IPR
Default
Priority
External pin
NMI
11
H'0000002C
⎯
High
⎯
Reserved by system
14
H'00000038
⎯
⎯
Reserved by system
15
H'0000003C
⎯
IRQ0
64
H'00000100
IPRA15 to
IPRA12
IRQ1
65
H'00000104
IPRA11 to IPRA8
IRQ2
66
H'00000108
IPRA7 to IPRA4
IRQ3
67
H'0000010C
IPRA3 to IPRA0
Reserved by system
68
H'00000110
⎯
Reserved by system
69
H'00000114
⎯
Reserved by system
70
H'00000118
⎯
Interrupts
Reserved by system
71
H'0000011C
⎯
⎯
Reserved by system
72
H'00000120
⎯
Reserved by system
76
H'00000130
⎯
Reserved by system
80
H'00000140
⎯
Reserved by system
84
H'00000150
⎯
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com