Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 304Page - Renesas Technology Corp SH7101 Datasheet HTML 305Page - Renesas Technology Corp SH7101 Datasheet HTML 306Page - Renesas Technology Corp SH7101 Datasheet HTML 307Page - Renesas Technology Corp SH7101 Datasheet HTML 308Page - Renesas Technology Corp SH7101 Datasheet HTML 309Page - Renesas Technology Corp SH7101 Datasheet HTML 310Page - Renesas Technology Corp SH7101 Datasheet HTML 311Page - Renesas Technology Corp SH7101 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 560 page
background image
Section 9 Watchdog Timer
Rev.1.00 Sep. 18, 2008 Page 274 of 522
REJ09B0069-0100
Bit
Bit Name
Initial Value
R/W
Description
5
TME
0
R/W
Timer Enable
Enables or disables the timer.
0: Timer disabled
TCNT is initialized to H'00 and count-up stops
1: Timer enabled
TCNT starts counting. A
WDTOVF signal or
interrupt is generated when TCNT overflows.
4, 3
—
All 1
R
Reserved
These bits are always read as 1. The write value
should always be 1.
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Select one of eight internal clock sources for input to
TCNT. The clock signals are obtained by dividing the
frequency of the system clock (
φ). The overflow
frequency for
φ = 40 MHz is enclosed in
parentheses*
3.
000: Clock
φ/2 (period: 12.8 μs)
001: Clock
φ/64 (period: 409.6 μs)
010: Clock
φ/128 (period: 0.8 ms)
011: Clock
φ/256 (period: 1.6 ms)
100: Clock
φ/512 (period: 3.3 ms)
101: Clock
φ/1024 (period: 6.6 ms)
110: Clock
φ/4096 (period: 26.2 ms)
111: Clock
φ/8192 (period: 52.4 ms)
Notes: 1. Only 0 can be written after reading 1.
2. Section 9.3.3, Reset Control/Status Register (RSTCSR), describes in detail what
happens when TCNT overflows in watchdog timer mode.
3. The overflow interval listed is the time from when the TCNT begins counting at H'00
until an overflow occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com