Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 348Page - Renesas Technology Corp SH7021 Datasheet HTML 349Page - Renesas Technology Corp SH7021 Datasheet HTML 350Page - Renesas Technology Corp SH7021 Datasheet HTML 351Page - Renesas Technology Corp SH7021 Datasheet HTML 352Page - Renesas Technology Corp SH7021 Datasheet HTML 353Page - Renesas Technology Corp SH7021 Datasheet HTML 354Page - Renesas Technology Corp SH7021 Datasheet HTML 355Page - Renesas Technology Corp SH7021 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 509 page
background image
RENESAS 336
12.3.2
Operation in the Interval Timer Mode
To use the WDT as an interval timer, clear WT/
IT to 0 and set TME to 1. An interval timer
interrupt (ITI) is generated each time the timer counter overflows. This function can be used to
generate interval timer interrupts at regular intervals (figure 12.5).
H'FF
TCNT value
H'00
WT/IT = 0
TME = 1
ITI
ITI
ITI
ITI
Time
Overflow
Overflow
Overflow
Overflow
Figure 12.5 Operation in the Interval Timer Mode
12.3.3
Operation in the Standby Mode
The watchdog timer has a special function to clear the standby mode with an NMI interrupt. When
using the standby mode, set the WDT as described below.
Transition to the Standby Mode: The TME bit in the TCSR must be cleared to 0 to stop the
watchdog timer counter before it enters the standby mode. The chip cannot enter the standby mode
while the TME bit is set to 1. Set bits CKS2–CKS0 so that the counter overflow interval is equal
to or longer than the oscillation settling time. See section 20.3, AC Characteristics, for the
oscillation settling time.
Recovery from the Standby Mode: When an NMI request signal is received in standby mode,
the clock oscillator starts running and the watchdog timer starts counting at the rate selected by
bits CKS2–CKS0 before the standby mode was entered. When the TCNT overflows (changes
from H'FF–H'00), the system clock (
φ) is presumed to be stable and usable; clock signals are
supplied to the entire chip and the standby mode ends.
For details on the standby mode, see section 19, Power Down States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com