Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 352Page - Renesas Technology Corp SH7021 Datasheet HTML 353Page - Renesas Technology Corp SH7021 Datasheet HTML 354Page - Renesas Technology Corp SH7021 Datasheet HTML 355Page - Renesas Technology Corp SH7021 Datasheet HTML 356Page - Renesas Technology Corp SH7021 Datasheet HTML 357Page - Renesas Technology Corp SH7021 Datasheet HTML 358Page - Renesas Technology Corp SH7021 Datasheet HTML 359Page - Renesas Technology Corp SH7021 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 509 page
background image
RENESAS 341
Section 13 Serial Communication Interface (SCI)
13.1
Overview
The SuperH microcomputer has a serial communication interface (SCI) with two independent
channels. Both channels are functionally identical. The SCI supports both asynchronous and
clocked synchronous serial communication. It also has a multiprocessor communication function
for serial communication among two or more processors.
13.1.1
Features
•
Asynchronous mode
 Serial data communications are synched by start-stop in character units. The SCI can
communicate with a universal asynchronous receiver/transmitter (UART), an asynchronous
communication interface adapter (ACIA), or any other chip that employs a standard
asynchronous serial communication. It can also communicate with two or more other
processors using the multiprocessor communication function. There are twelve selectable
serial data communication formats.
 Data length: seven or eight bits
 Stop bit length: one or two bits
 Parity: even, odd, or none
 Multiprocessor bit: one or none
 Receive error detection: parity, overrun, and framing errors
 Break detection: by reading the RxD level directly when a framing error occurs
•
Clocked synchronous mode
 Serial data communication is synchronized with a clock signal. The SCI can communicate
with other chips having a clocked synchronous communication function. There is one serial
data communication format.
 Data length: eight bits
 Receive error detection: overrun errors
•
Full duplex communication: The transmitting and receiving sections are independent, so the
SCI can transmit and receive simultaneously. Both sections use double buffering, so
continuous data transfer is possible in both the transmit and receive directions.
•
On-chip baud rate generator with selectable bit rates
•
Internal or external transmit/receive clock source: baud rate generator (internal) or SCK pin
(external)
•
Four types of interrupts: Transmit-data-empty, transmit-end, receive-data-full, and receive-
error interrupts are requested independently. The transmit-data-empty and receive-data-full
interrupts can start the direct memory access controller (DMAC) to transfer data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com