Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 355Page - Renesas Technology Corp SH7021 Datasheet HTML 356Page - Renesas Technology Corp SH7021 Datasheet HTML 357Page - Renesas Technology Corp SH7021 Datasheet HTML 358Page - Renesas Technology Corp SH7021 Datasheet HTML 359Page - Renesas Technology Corp SH7021 Datasheet HTML 360Page - Renesas Technology Corp SH7021 Datasheet HTML 361Page - Renesas Technology Corp SH7021 Datasheet HTML 362Page - Renesas Technology Corp SH7021 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 509 page
background image
RENESAS 344
13.2
Register Descriptions
13.2.1
Receive Shift Register
The receive shift register (RSR) receives serial data. Data input at the RxD pin are loaded into the
RSR in the order received, LSB (bit 0) first. In this way the SCI converts received data to parallel
form. When one byte has been received, it is automatically transferred to the receive data register
(RDR). The CPU cannot read or write the RSR directly.
Bit:
7
6
5
4
3
2
1
0
Bit name:
R/W:
—
—
—
—
—
—
—
—
13.2.2
Receive Data Register
The receive data register (RDR) stores serial receive data. The SCI completes the reception of one
byte of serial data by moving the received data from the receive shift register (RSR) into the RDR
for storage. The RSR is then ready to receive the next data. This double buffering allows the SCI
to receive data continuously.
The CPU can read but not write the RDR. The RDR is initialized to H'00 by a reset or in standby
mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
13.2.3
Transmit Shift Register
The transmit shift register (TSR) transmits serial data. The SCI loads transmit data from the
transmit data register (TDR) into the TSR, then transmits the data serially from the TxD pin, LSB
(bit 0) first. After transmitting one data byte, the SCI automatically loads the next transmit data
from the TDR into the TSR and starts transmitting again. If the TDRE bit of the SSR is 1,
however, the SCI does not load the TDR contents into the TSR. The CPU cannot read or write the
TSR directly.
Bit:
7
6
5
4
3
2
1
0
Bit name:
R/W:
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com