Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 358Page - Renesas Technology Corp SH7021 Datasheet HTML 359Page - Renesas Technology Corp SH7021 Datasheet HTML 360Page - Renesas Technology Corp SH7021 Datasheet HTML 361Page - Renesas Technology Corp SH7021 Datasheet HTML 362Page - Renesas Technology Corp SH7021 Datasheet HTML 363Page - Renesas Technology Corp SH7021 Datasheet HTML 364Page - Renesas Technology Corp SH7021 Datasheet HTML 365Page - Renesas Technology Corp SH7021 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 509 page
background image
RENESAS 347
•
Bit 3 (stop bit length (STOP)): STOP selects one or two bits as the stop bit length in the
asynchronous mode. This setting is used only in the asynchronous mode. It is ignored in the
clocked synchronous mode because no stop bits are added.
In receiving, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1, it is treated as a stop bit. If the second stop bit is 0, it is treated as the start bit of
the next incoming character.
Bit 3: STOP
Description
0
One stop bit. In transmitting, a single bit of 1 is added at the end of
each transmitted character (initial value).
1
Two stop bits. In transmitting, two bits of 1 are added at the end of
each transmitted character.
•
Bit 2 (multiprocessor mode (MP)): MP selects multiprocessor format. When multiprocessor
format is selected, settings of the parity enable (PE) and parity mode (O/
E) bits are ignored.
The MP bit setting is used only in the asynchronous mode; it is ignored in the clocked
synchronous mode. For the multiprocessor communication function, see section 13.3.3,
Multiprocessor Communication.
Bit 2: MP
Description
0
Multiprocessor function disabled (initial value)
1
Multiprocessor format selected
•
Bits 1 and 0 (clock select 1 and 0 (CKS1 and CKS0)): CKS1 and CKS0 select the internal
clock source of the on-chip baud rate generator. Four clock sources are available:
φ, φ/4, φ/16,
and
φ/64. For further information on the clock source, bit rate register settings, and baud rate,
see section 13.2.8, Bit Rate Register.
Bit 1: CKS1
Bit 0: CKS0
Description
0
0
System clock (
φ) (initial value)
1
φ/4
10
φ/16
1
φ/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com