Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 356Page - Renesas Technology Corp SH7021 Datasheet HTML 357Page - Renesas Technology Corp SH7021 Datasheet HTML 358Page - Renesas Technology Corp SH7021 Datasheet HTML 359Page - Renesas Technology Corp SH7021 Datasheet HTML 360Page - Renesas Technology Corp SH7021 Datasheet HTML 361Page - Renesas Technology Corp SH7021 Datasheet HTML 362Page - Renesas Technology Corp SH7021 Datasheet HTML 363Page - Renesas Technology Corp SH7021 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 509 page
background image
RENESAS 345
13.2.4
Transmit Data Register
The transmit data register (TDR) is an eight-bit register that stores data for serial transmission.
When the SCI detects that the transmit shift register (TSR) is empty, it moves transmit data written
in the TDR into the TSR and starts serial transmission. Continuous serial transmission is possible
by writing the next transmit data in the TDR during serial transmission from the TSR.
The CPU can always read and write the TDR. The TDR is initialized to H'FF by a reset or in
standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
13.2.5
Serial Mode Register
The serial mode register (SMR) is an eight-bit register that specifies the SCI serial communication
format and selects the clock source for the baud rate generator.
The CPU can always read and write the SMR. The SMR is initialized to H'00 by a reset or in
standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
C/A
CHR
PE
O/E
STOP
MP
CKS1
CKS0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Bit 7 (communication mode (C/
A)): C/A selects whether the SCI operates in the asynchronous
or clocked synchronous mode.
Bit 7: C/A
Description
0
Synchronous mode (initial value)
1
Clocked synchronous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com