Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 357Page - Renesas Technology Corp SH7021 Datasheet HTML 358Page - Renesas Technology Corp SH7021 Datasheet HTML 359Page - Renesas Technology Corp SH7021 Datasheet HTML 360Page - Renesas Technology Corp SH7021 Datasheet HTML 361Page - Renesas Technology Corp SH7021 Datasheet HTML 362Page - Renesas Technology Corp SH7021 Datasheet HTML 363Page - Renesas Technology Corp SH7021 Datasheet HTML 364Page - Renesas Technology Corp SH7021 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 509 page
background image
RENESAS 346
•
Bit 6 (character length (CHR)): CHR selects seven-bit or eight-bit data in the asynchronous
mode. In the clocked synchronous mode, the data length is always eight bits, regardless of the
CHR setting.
Bit 6: CHR
Description
0
Eight-bit data (initial value)
1
Seven-bit data. When seven-bit data is selected, the MSB (bit 7) of the
transmit data register is not transmitted.
•
Bit 5 (parity enable (PE)): PE selects whether to add a parity bit to transmit data and check the
parity of receive data, in the asynchronous mode. In the clocked synchronous mode, a parity
bit is neither added nor checked, regardless of the PE setting.
Bit 5: PE
Description
0
Parity bit not added or checked (initial value)
1
Parity bit added and checked. When PE is set to 1, an even or odd
parity bit is added to transmit data, depending on the parity mode (O/E)
setting. Receive data parity is checked according to the even/odd (O/E)
mode setting.
•
Bit 4 (parity mode (O/
E): O/E selects even or odd parity when parity bits are added and
checked. The O/
E setting is used only in asynchronous mode and only when the parity enable
bit (PE) is set to 1 to enable parity addition and check. The O/
E setting is ignored in the
clocked synchronous mode, or in the asynchronous mode when parity addition and check is
disabled.
Bit 4: O/E
Description
0
Even parity. If even parity is selected, the parity bit added to transmit
data makes an even number of 1s in the transmitted character and
parity bit combined. Receive data must have an even number of 1s in
the received character and parity bit combined (initial value).
1
Odd parity. If odd parity is selected, the parity bit added to transmit
data makes an odd number of 1s in the transmitted character and
parity bit combined. Receive data must have an odd number of 1s in
the received character and parity bit combined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com