Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 354Page - Renesas Technology Corp SH7021 Datasheet HTML 355Page - Renesas Technology Corp SH7021 Datasheet HTML 356Page - Renesas Technology Corp SH7021 Datasheet HTML 357Page - Renesas Technology Corp SH7021 Datasheet HTML 358Page - Renesas Technology Corp SH7021 Datasheet HTML 359Page - Renesas Technology Corp SH7021 Datasheet HTML 360Page - Renesas Technology Corp SH7021 Datasheet HTML 361Page - Renesas Technology Corp SH7021 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 509 page
background image
RENESAS 343
13.1.3
Input/Output Pins
Table 13.1 summarizes the SCI pins by channel.
Table 13.1
SCI Pins
Channel
Pin Name
Abbreviation
Input/Output
Function
0
Serial clock pin
SCK0
Input/output
SCI0 clock input/output
Receive data pin
RxD0
Input
SCI0 receive data input
Transmit data pin
TxD0
Output
SCI0 transmit data output
1
Serial clock pin
SCK1
Input/output
SCI1 clock input/output
Receive data pin
RxD1
Input
SCI1 receive data input
Transmit data pin
TxD1
Output
SCI1 transmit data output
13.1.4
Register Configuration
Table 13.2 summarizes the SCI internal registers. These registers select the communication mode
(asynchronous or clocked synchronous), specify the data format and bit rate, and control the
transmitter and receiver sections.
Table 13.2
Registers
Channel
Address*1
Name
Abbreviation
R/W
Initial
Value
Access
size
0
H'05FFFEC0
Serial mode register
SMR0
R/W
H'00
8, 16
H'05FFFEC1
Bit rate register
BRR0
R/W
H'FF
8, 16
H'05FFFEC2
Serial control register
SCR0
R/W
H'00
8, 16
H'05FFFEC3
Transmit data register
TDR0
R/W
H'FF
8, 16
H'05FFFEC4
Serial status register
SSR0
R/(W)*2
H'84
8, 16
H'05FFFEC5
Receive data register
RDR0
R
H'00
8, 16
1
H'05FFFEC8
Serial mode register
SMR1
R/W
H'00
8, 16
H'05FFFEC9
Bit rate register
BRR1
R/W
H'FF
8, 16
H'05FFFECA
Serial control register
SCR1
R/W
H'00
8, 16
H'05FFFECB
Transmit data register
TDR1
R/W
H'FF
8, 16
H'05FFFECC Serial status register
SSR1
R/(W)*2
H'84
8, 16
H'05FFFECD Receive data register
RDR1
R
H'00
8, 16
Notes: 1. Only the values of bits A27–A24 and A8-A0 are valid; bits A23–A9 are ignored. For
details on the register addresses, see section 8.3.5, Description of Areas.
2. Write 0 to clear flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com