Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 344Page - Renesas Technology Corp SH7021 Datasheet HTML 345Page - Renesas Technology Corp SH7021 Datasheet HTML 346Page - Renesas Technology Corp SH7021 Datasheet HTML 347Page - Renesas Technology Corp SH7021 Datasheet HTML 348Page - Renesas Technology Corp SH7021 Datasheet HTML 349Page - Renesas Technology Corp SH7021 Datasheet HTML 350Page - Renesas Technology Corp SH7021 Datasheet HTML 351Page - Renesas Technology Corp SH7021 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 509 page
background image
RENESAS 332
•
Bit 7 (watchdog timer overflow (WOVF)): WOVF indicates that the TCNT has overflowed
(H'FF
→ H'00) in the watchdog timer mode. It is not set in the interval timer mode.
Bit 7: WOVF
Description
0
No TCNT overflow in watchdog timer mode (initial value)
Cleared when software reads WOVF, then writes 0 in WOVF
1
Set by TCNT overflow in watchdog timer mode
•
Bit 6 (reset enable (RSTE)): RSTE selects whether to reset the chip internally if the TCNT
overflows in the watchdog timer mode.
Bit 6: RSTE
Description
0
Not reset when TCNT overflows (initial value). LSI not reset internally,
but TCNT and TCSR reset within WDT.
1
Reset when TCNT overflows
•
Bit 5 (reset select (RSTS)): RSTS selects the type of internal reset generated if the TCNT
overflows in the watchdog timer mode.
Bit 5: RSTS
Description
0
Power-on reset initial value)
1
Manual reset
•
Bits 4–0 (reserved): These bits always read as 1. The write value should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com