Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 343Page - Renesas Technology Corp SH7021 Datasheet HTML 344Page - Renesas Technology Corp SH7021 Datasheet HTML 345Page - Renesas Technology Corp SH7021 Datasheet HTML 346Page - Renesas Technology Corp SH7021 Datasheet HTML 347Page - Renesas Technology Corp SH7021 Datasheet HTML 348Page - Renesas Technology Corp SH7021 Datasheet HTML 349Page - Renesas Technology Corp SH7021 Datasheet HTML 350Page - Renesas Technology Corp SH7021 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 509 page
background image
RENESAS 331
Bit 5: TME
Description
0
Timer disabled: TCNT is initialized to H'00 and count-up stops (initial
value)
1
Timer enabled: TCNT starts counting. A WDTOVF signal or interrupt
is generated when TCNT overflows.
•
Bits 4 and 3 (reserved): These bits always read as 1. The write value should always be 1.
•
Bits 2–0 (clock Select 2–0 (CKS2–CKS0)): CKS2–CKS0 select one of eight internal clock
sources for input to the TCNT. The clock signals are obtained by dividing the frequency of the
system clock (
φ).
Description
Bit 2:
CKS2
Bit 1:
CKS1
Bit 0:
CKS0
Clock Source
Overflow Interval* (
φ = 20 MHz)
00
0
φ/2 (initial value)
25.6
µs
00
1
φ/64
819.2
µs
01
0
φ/128
1.6 ms
01
1
φ/256
3.3 ms
10
0
φ/512
6.6 ms
10
1
φ/1024
13.1 ms
11
0
φ/4096
52.4 ms
11
1
φ/8192
104.9 ms
Note:
The overflow interval listed is the time from when the TCNT begins counting at H'00 until an
overflow occurs.
12.2.3
Reset Control/Status Register (RSTCSR)
The RSTCSR is an eight-bit readable and writable register that controls output of the reset signal
generated by timer counter (TCNT) overflow and selects the internal reset signal type. The
RSTCSR differs from other registers in that it is more difficult to write. See section 12.2.4
Register Access, for details. RSTCR is initialized to H'1F by input of a reset signal from the
RES
pin, but is not initialized by the internal reset signal generated by the overflow of the WDT. It is
initialized to H'1F in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
WOVF
RSTE
RSTS
—
—
—
—
—
Initial value:
0
0
0
1
1
1
1
1
R/W:
R/(W)*
R/W
R/W
—
—
—
—
—
Note:
Only 0 can be written in bit 7 to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com