Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 345Page - Renesas Technology Corp SH7021 Datasheet HTML 346Page - Renesas Technology Corp SH7021 Datasheet HTML 347Page - Renesas Technology Corp SH7021 Datasheet HTML 348Page - Renesas Technology Corp SH7021 Datasheet HTML 349Page - Renesas Technology Corp SH7021 Datasheet HTML 350Page - Renesas Technology Corp SH7021 Datasheet HTML 351Page - Renesas Technology Corp SH7021 Datasheet HTML 352Page - Renesas Technology Corp SH7021 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 509 page
background image
RENESAS 333
12.2.4
Register Access
The watchdog timer’s TCNT, TCSR, and RSTCSR registers differ from other registers in that they
are more difficult to write. The procedures for writing and reading these registers are given below.
Writing to the TCNT and TCSR: These registers must be written by a word transfer instruction.
They cannot be written by byte transfer instructions. The TCNT and TCSR both have the same
write address. The write data must be contained in the lower byte of the written word. The upper
byte must be H'5A (for the TCNT) or H'A5 (for the TCSR) (figure 12.2). This transfers the write
data from the lower byte to the TCNT or TCSR.
Writing to the TCNT
15
8
7
0
Address:
H'5FFFFB8
H'5A
Write data
Writing to the TCSR
15
8
7
0
Address:
H'5FFFFB8
H'A5
Write data
Figure 12.2 Writing to the TCNT and TCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com