Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 342Page - Renesas Technology Corp SH7021 Datasheet HTML 343Page - Renesas Technology Corp SH7021 Datasheet HTML 344Page - Renesas Technology Corp SH7021 Datasheet HTML 345Page - Renesas Technology Corp SH7021 Datasheet HTML 346Page - Renesas Technology Corp SH7021 Datasheet HTML 347Page - Renesas Technology Corp SH7021 Datasheet HTML 348Page - Renesas Technology Corp SH7021 Datasheet HTML 349Page - Renesas Technology Corp SH7021 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 509 page
background image
RENESAS 330
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
12.2.2
Timer Control/Status Register (TCSR)
The timer control/status register (TCSR) is an eight-bit readable and writable register. The TCSR
differs from other registers in being more difficult to write. See section 12.2.4, Register Access,
for details. Its functions include selecting the timer mode and clock source. Bits 7–5 are initialized
to 000 by a reset or in standby mode. Bits 2–0 are initialized to 000 by a reset, but retain their
values in the standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
OVF
WT/IT
TME
—
—
CKS2
CKS1
CKS0
Initial value:
0
0
0
1
1
0
0
0
R/W:
R/(W)*
R/W
R/W
—
—
R/W
R/W
R/W
•
Bit 7 (overflow flag (OVF)): OVF indicates that the TCNT has overflowed from H'FF–H'00. It
is not set in the watchdog timer mode.
Bit 7: OVF
Description
0
No overflow of TCNT in interval timer mode (initial value)
Cleared by reading OVF, then writing 0 in OVF
1
TCNT overflow in the interval timer mode
•
Bit 6 (timer mode select (WT/
IT)): WT/IT selects whether to use the WDT as a watchdog
timer or interval timer. When the TCNT overflows, the WDT either generates an interval timer
interrupt (ITI) or generates a
WDTOVF signal, depending on the mode selected.
Bit 6: WT/IT
Description
0
Interval timer mode: interval timer interrupt to the CPU when TCNT
overflows (initial value)
1
Watchdog timer mode: WDTOVF signal output externally when TCNT
overflows. Section 12.2.3, Reset Control/Status Register (RSTCSR),
describes in detail what happens when TCNT overflows in the
watchdog timer mode.
•
Bit 5 (timer enable (TME)): TME enables or disables the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com