Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 127Page - Renesas Technology Corp SH7021 Datasheet HTML 128Page - Renesas Technology Corp SH7021 Datasheet HTML 129Page - Renesas Technology Corp SH7021 Datasheet HTML 130Page - Renesas Technology Corp SH7021 Datasheet HTML 131Page - Renesas Technology Corp SH7021 Datasheet HTML 132Page - Renesas Technology Corp SH7021 Datasheet HTML 133Page - Renesas Technology Corp SH7021 Datasheet HTML 134Page - Renesas Technology Corp SH7021 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 509 page
background image
RENESAS 113
Bit:
15
14
13
12
11
10
9
8
Bit name:
PEF
PFRC
PEO
PCHK1
PCHK0
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
—
—
—
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
—
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
—
—
—
—
—
—
—
—
•
Bit 15 (parity error flag (PEF)): When a parity check is done, PEF indicates whether a parity
error has occurred. 0 indicates that no parity error has occurred; 1 indicates that a parity error
has occurred.
Bit 15: PEF
Description
0
No parity error (initial value).
Cleared by reading PEF after it has been set to 1, then writing 0 in
PEF.
1
Parity error has occurred.
•
Bit 14 (parity output force (PFRC)): PFRC selects whether to produce a forced parity output
for testing the parity error check function. When cleared to 0, there is no forced output; when
set to 1, it produces a forced output of high level from the DPH and DPL pins when data is
output, regardless of the parity.
Bit 14: PFRC
Description
0
Parity output not forced (initial value)
1
High output forced
•
Bit 13 (parity polarity (PEO)): PEO selects even or odd parity. When cleared to 0, parity is
even; when set to 1, parity is odd.
Bit 13: PEO
Description
0
Even parity (initial value)
1
Odd parity
•
Bits 12 and 11 (parity check enable bits 1, 0 (PCHK1 and PCHK0)): These bits determine
whether or not a parity is checked and generated, and select the check and generation spaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com