Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 128Page - Renesas Technology Corp SH7021 Datasheet HTML 129Page - Renesas Technology Corp SH7021 Datasheet HTML 130Page - Renesas Technology Corp SH7021 Datasheet HTML 131Page - Renesas Technology Corp SH7021 Datasheet HTML 132Page - Renesas Technology Corp SH7021 Datasheet HTML 133Page - Renesas Technology Corp SH7021 Datasheet HTML 134Page - Renesas Technology Corp SH7021 Datasheet HTML 135Page - Renesas Technology Corp SH7021 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 509 page
background image
114 RENESAS
Bit 12: PCHK1
Bit 11: PCHK0
Description
0
0
Parity not checked and not generated (initial value)
1
Parity checked and generated only in DRAM area
1
0
Parity checked and generated in DRAM area and area 2
1
Reserved
•
Bits 10–0 (reserved): These bits always read as 0. The write value should always be 0.
8.2.11
Notes on Register Access
RCR, RTCSR, RTCNT, and RTCOR differ from other registers in being more difficult to write.
Data requires a password when it is written. This prevents data from being mistakenly overwritten
by program overruns and the like.
Writing to RCR, RTCSR, RTCNT, and RTCOR: Use only word transfer instructions. You
cannot write with byte transfer instructions. As figure 8.2 shows, when writing to RCR, place
H'5A in the upper byte and the write data in the lower byte. When writing to RTCSR, place H'A5
in the upper byte and the write data in the lower byte. When writing to RTCNT, place H'69 in the
upper byte and the write data in the lower byte. When writing to RTCOR, place H'96 in the upper
byte and the write data in the lower byte. These transfers write data in the lower byte to the
respective registers. If the upper byte differs from the above passwords, no writing occurs.
H'5A
Write data
RCR
15
0
87
H'A5
Write data
RTCSR
15
0
87
H'69
Write data
RTCNT
15
0
87
H'96
Write data
RTCOR
15
0
87
Figure 8.2 Writing to RCR, RTCSR, RTCNT, and RTCOR
Reading from RCR, RTCSR, RTCNT, and RTCORP: These registers are read like other
registers. They can be read by byte and word transfer instructions. If read by word transfer, the
value of the upper eight bits is H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com