Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 123Page - Renesas Technology Corp SH7021 Datasheet HTML 124Page - Renesas Technology Corp SH7021 Datasheet HTML 125Page - Renesas Technology Corp SH7021 Datasheet HTML 126Page - Renesas Technology Corp SH7021 Datasheet HTML 127Page - Renesas Technology Corp SH7021 Datasheet HTML 128Page - Renesas Technology Corp SH7021 Datasheet HTML 129Page - Renesas Technology Corp SH7021 Datasheet HTML 130Page - Renesas Technology Corp SH7021 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 509 page
background image
RENESAS 109
Bit:
15
14
13
12
11
10
9
8
Bit name:
—
—
—
—
—
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
—
—
—
—
—
—
—
—
Bit:
7
6
5
4
3
2
1
0
Bit name:
CMF
CMIE
CKS2
CKS1
CKS0
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
—
—
—
•
Bits 15–8 (reserved): These bits always read as 0.
•
Bit 7 (compare match flag (CMF)): CMF is a flag that indicates whether the values of RTCNT
and the refresh time constant register (RTCOR) match. When 0, the value of RTCNT and
RTCOR do not match; when 1, the value of RTCNT and RTCOR match.
Bit 7: CMF
Description
0
RTCNT does not equal the value of RTCOR (initial value)
To clear CMF, the CPU must read CMF after it has been set to 1, then write a
0 in this bit
1
Value RTCNT is equal to the value of RTCOR
•
Bit 6 (compare match interrupt enable (CMIE)): CMIE enables or disables the compare match
interrupt (CMI) generated when CMF is set to 1 in RTCSR (RTCNT value = RTCOR value).
When cleared to 0, CMI interrupt is disabled; when set to 1, it is enabled.
Bit 6: CMIE
Description
0
Compare match interrupt request (CMI) is disabled (initial value)
1
Compare match interrupt request (CMI) is enabled
•
Bits 5–3 (clock select bits 2–0 (CKS2–CKS0)): CKS2–CKS0 select the clock input to RTCNT
from among the seven types of clocks created by dividing the system clock (
φ). When the input
clock is selected with the CKS2–CKS0 bits, RTCNT starts to increment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com