Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 120Page - Renesas Technology Corp SH7021 Datasheet HTML 121Page - Renesas Technology Corp SH7021 Datasheet HTML 122Page - Renesas Technology Corp SH7021 Datasheet HTML 123Page - Renesas Technology Corp SH7021 Datasheet HTML 124Page - Renesas Technology Corp SH7021 Datasheet HTML 125Page - Renesas Technology Corp SH7021 Datasheet HTML 126Page - Renesas Technology Corp SH7021 Datasheet HTML 127Page - Renesas Technology Corp SH7021 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 509 page
background image
106 RENESAS
•
Bit 12 (burst operation enable (BE)): BE selects whether or not to perform burst operation, a
high speed page mode. When burst operation is not selected (0), the row address is not
compared but instead is transferred to the DRAM every time and full access is performed.
When burst operation is selected (1), row addresses are compared and burst operation with the
same row address as the previous is performed (in this access, no row address is output and the
column address and
CAS signal alone are output).
Bit 12: BE
Description
0
Normal mode: full access (initial value)
1
Burst operation: high-speed page mode
•
Bit 11 (CAS duty (CDTY)): CDTY selects 35% or 50% of the TC state as the high-level duty
ratio of the signal
CAS in the short-pitch access. When cleared to 0, the CAS signal high level
duty is 50%; when set to 1, it is 35%. Only set to 1 when the operating frequency is a
minimum of 10 MHz.
Bit 11: CDTY
Description
0
CAS signal high level duty cycle is 50% of the TC state (initial value)
1
CAS signal high level duty cycle is 35% of the TC state
•
Bit 10 (multiplex enable bit (MXE)): MXE determines whether or not DRAM row and column
addresses are multiplexed. When cleared to 0, addresses are not multiplexed; when set to 1,
they are multiplexed.
Bit 10: MXE
Description
0
Multiplex of row and column addresses disabled (initial value)
1
Multiplex of row and column addresses enabled
•
Bits 9 and 8 (multiplex shift count 1 and 0 (MXC1 and MXC0)): Shift row addresses
downward by a certain number of bits (8–10) when row and column addresses are multiplexed
(MXE = 1). Regardless of the MXE bit setting, these bits also select the range of row addresses
compared in burst operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com