Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 117Page - Renesas Technology Corp SH7021 Datasheet HTML 118Page - Renesas Technology Corp SH7021 Datasheet HTML 119Page - Renesas Technology Corp SH7021 Datasheet HTML 120Page - Renesas Technology Corp SH7021 Datasheet HTML 121Page - Renesas Technology Corp SH7021 Datasheet HTML 122Page - Renesas Technology Corp SH7021 Datasheet HTML 123Page - Renesas Technology Corp SH7021 Datasheet HTML 124Page - Renesas Technology Corp SH7021 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 509 page
background image
RENESAS 103
Table 8.5
Single-Mode DMA Memory Write Cycle States (External Memory Space)
Description
Single-mode DMA Memory Write Cycle States
(External Memory Space)
Bits 15–8:
DWW7–DWW0
WAIT Pin Input
Signal
External Memory
Space
DRAM Space
Multiplexed
I/O
0
Not sampled during
single-mode DMA
memory write cycle*
Areas 1, 3–5,7: 1 state,
fixed
Areas 0, 2, 6: 1 state +
long wait state
Column address
cycle: 1 state,
fixed (short
pitch)
4 states +
wait state
from WAIT
1
Sampled during
single-mode DMA
memory write cycle
(initial value)
Areas 1, 3–5, 7: 2 states
+ wait state from WAIT
Areas 0, 2, 6: 1 state +
long wait state + wait
state from WAIT
Column address
cycle: 2 states +
wait state from
WAIT (long
pitch)
Note:
Sampled in the address/data multiplexed I/O space.
8.2.4
Wait State Control Register 3 (WCR3)
Wait state control register 3 is a 16-bit read/write register that controls
WAIT pin pull-up and the
insertion of long wait states. WCR3 is initialized to H'F800 by a power-on reset. It is not
initialized by a manual reset or by the standby mode.
Bit:
15
14
13
12
11
10
9
8
Bit name:
WPU
A02LW1 A02LW0
A6LW1
A6LW0
—
—
—
Initial value:
1
1
1
1
1
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
—
—
—
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
—
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
—
—
—
—
—
—
—
—
•
Bit 15 (wait pin pull-up control (WPU)): WPU controls whether the
WAIT pin is pulled up or
not. When cleared to 0, the pin is not pulled up; when set to 1, it is pulled up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com