Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 119Page - Renesas Technology Corp SH7021 Datasheet HTML 120Page - Renesas Technology Corp SH7021 Datasheet HTML 121Page - Renesas Technology Corp SH7021 Datasheet HTML 122Page - Renesas Technology Corp SH7021 Datasheet HTML 123Page - Renesas Technology Corp SH7021 Datasheet HTML 124Page - Renesas Technology Corp SH7021 Datasheet HTML 125Page - Renesas Technology Corp SH7021 Datasheet HTML 126Page - Renesas Technology Corp SH7021 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 509 page
background image
RENESAS 105
Bit:
15
14
13
12
11
10
9
8
Bit name:
CW2
RASD
TPC
BE
CDTY
MXE
MXC1
MXC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
—
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
—
—
—
—
—
—
—
—
•
Bit 15 (dual-CAS or dual-WE select bit (CW2)): When accessing a 16-bit bus width space,
CW2 selects the dual-CAS or the dual-WE method. When cleared to 0, the
CASH, CASL, and
WRL signals are valid ; when set to 1, the CASL, WRH, and WRL signals are valid. When
accessing an 8-bit space, only
CASL and WRL signals are valid, regardless of CW2 settings.
Bit 15L: CW2
Description
0
Dual-CAS: CASH, CASL, and WRL signals are valid (initial value)
1
Dual-WE: CASL, WRH, and WRL signals are valid
•
Bit 14 (RAS down (RASD)): When DRAM access pauses, RASD determines whether to keep
RAS low while waiting for the next DRAM access (RAS down mode) or return it to high
(RAS up mode). When cleared to 0, the
RAS signal returns to high; when set to 1, it stays at
low.
Bit 14: RASD
Description
0
RAS up mode: Return RAS signal to high and wait for the next DRAM
access (initial value)
1
RAS down mode: Keep RAS signal low and wait for the next DRAM
access
•
Bit 13 (RAS precharge cycle count (TPC)): TPC selects whether the
RAS signal precharge
cycle (TP) will be 1 state or 2. When TPC is cleared to 0, a 1-state precharge cycle is inserted;
when 1 is set, a 2-state precharge cycle is inserted.
Bit 13: TPC
Description
0
Inserts 1-state precharge cycle (initial value)
1
Inserts 2-state precharge cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com