Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 116Page - Renesas Technology Corp SH7021 Datasheet HTML 117Page - Renesas Technology Corp SH7021 Datasheet HTML 118Page - Renesas Technology Corp SH7021 Datasheet HTML 119Page - Renesas Technology Corp SH7021 Datasheet HTML 120Page - Renesas Technology Corp SH7021 Datasheet HTML 121Page - Renesas Technology Corp SH7021 Datasheet HTML 122Page - Renesas Technology Corp SH7021 Datasheet HTML 123Page - Renesas Technology Corp SH7021 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 509 page
background image
102 RENESAS
Table 8.4
Single-Mode DMA Memory Read Cycle States (External Memory Space)
Description
Single-Mode DMA Memory Read Cycle States
(External Memory Space)
Bits 15–8:
DRW7–DRW0
WAIT Pin Input
Signal
External Memory
Space
DRAM Space
Multiplexed
I/O
0
Not sampled during
single-mode DMA
memory read cycle*
Areas 1, 3–5,7: 1 state,
fixed
Areas 0, 2, 6: 1 state +
long wait state
Column address
cycle: 1 state,
fixed (short
pitch)
4 states +
wait states
from WAIT
1
Sampled during
single-mode DMA
memory read cycle
(initial value)
Areas 1, 3–5, 7: 2 states
+ wait states from WAIT
Areas 0, 2, 6: 1 state +
long wait state + Wait
state from WAIT
Column address
cycle: 2 states +
wait state from
WAIT (long
pitch)
Note:
Sampled in the address/data multiplexed I/O space.
•
Bits 7–0 (single-mode DMA memory write wait state control (DWW7–DWW0)): DWW7–
DWW0 determine the number of states in single-mode DMA memory write cycles for each
area and whether or not to sample the
WAIT signal. Bits DWW7–DWW0 correspond to areas
7–0, respectively. If a bit is cleared to 0, the
WAIT signal is not sampled during the single-
mode DMA memory write cycle for the corresponding area. If it is set to 1, sampling takes
place.
The number of states for areas accesses based on bit settings are the same as indicated for
single-mode DMA memory read cycles. See bits 15–8, wait state control during single-mode
DMA memory transfer (DRW7–DRW0), for details.
Table 8.5 summarizes single-mode DMA memory write cycle state information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com