Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 121Page - Renesas Technology Corp SH7021 Datasheet HTML 122Page - Renesas Technology Corp SH7021 Datasheet HTML 123Page - Renesas Technology Corp SH7021 Datasheet HTML 124Page - Renesas Technology Corp SH7021 Datasheet HTML 125Page - Renesas Technology Corp SH7021 Datasheet HTML 126Page - Renesas Technology Corp SH7021 Datasheet HTML 127Page - Renesas Technology Corp SH7021 Datasheet HTML 128Page - Renesas Technology Corp SH7021 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 509 page
background image
RENESAS 107
Bit 9:
MXC1
Bit 8:
MXC0
Row Address Shift
(MXE = 1)
Row Address Bits Compared (in burst operation)
(MXE = 0 or 1)
0
0
8 bits (initial value)
A8–A27 (initial value)
1
9 bits
A9–A27
1
0
10 bits
A10–A27
1
Reserved
Reserved
Bits 7–0 (reserved): These bits always read as 0. The write value should always be 0.
8.2.6
Refresh Control Register (RCR)
The refresh control register (RCR) is a 16-bit read/write register that controls the start of
refreshing and selects the refresh mode and the number of wait states during refresh. It is
initialized to H'0000 by a power-on reset, but is not initialized by a manual reset or by the standby
mode.
To prevent RCR from being written incorrectly, it must be written by a different method from
most other registers. A word transfer operation is used, H'5A is written in the top byte, and the
actual data is written in the lower byte. For details, see section 8.2.11, Notes on Register Access.
Bit:
15
14
13
12
11
10
9
8
Bit name:
—
—
—
—
—
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
—
—
—
—
—
—
—
—
Bit:
7
6
5
4
3
2
1
0
Bit name:
RFSHE RMODE
RLW1
RLW0
—
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
—
—
—
—
•
Bit 15–8 (reserved): These bits always read as 0.
•
Bit 7 (refresh control (RFSHE)): RFSHE determines whether or not to perform DRAM refresh
operations. When this bit is cleared to 0, no DRAM refresh control is performed and the
refresh timer counter (RTCNT) can be used as an 8-bit interval timer. When set to 1, DRAM
refresh control is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com