Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 166Page - Renesas Technology Corp SH7021 Datasheet HTML 167Page - Renesas Technology Corp SH7021 Datasheet HTML 168Page - Renesas Technology Corp SH7021 Datasheet HTML 169Page - Renesas Technology Corp SH7021 Datasheet HTML 170Page - Renesas Technology Corp SH7021 Datasheet HTML 171Page - Renesas Technology Corp SH7021 Datasheet HTML 172Page - Renesas Technology Corp SH7021 Datasheet HTML 173Page - Renesas Technology Corp SH7021 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 509 page
background image
152 RENESAS
8.6.1
Basic Timing
When the multiplexed I/O enable bit (IOE) of the BCR is set to 1, the area 6 space with address bit
A27 as 0 (H'6000000–H'6FFFFFF) becomes an address/data multiplexed I/O space that, when
accessed, multiplexes addresses and data. When the A14 address bit is 0, the bus width is 8 bits
and address output and data input/output are performed from the AD7–AD0 pins. When the A14
address bit is 1, the bus width is 16 bits and address output and data input/output are performed
from the AD15–AD0 pins. In the address/data multiplexed I/O space, access is controlled with the
AH, RD and WR signals. Accesses in the address/data multiplexed I/O space is performed in 4
states, regardless of the WCR settings. Figure 8.32 shows the timing when the address/data
multiplexed I/O space is accessed.
T1
CK
A21–A0
CS
AH
Address
AD15–AD0
Data (input)
Address
Data (output)
RD
Read
AD15–AD0
WRH
, WRL
Write
T2
T3
T4
Figure 8.32 Access Timing For Address/Data Multiplexed I/O Space
The high-level duty of the
RD signal can be selected between 35% and 50% using the RD duty bit
(RDDTY) of the BCR. When RDDTY is 1, the high-level duty is 35% of the T3 or Tw state,
lengthening the access time for external devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com