Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 171Page - Renesas Technology Corp SH7021 Datasheet HTML 172Page - Renesas Technology Corp SH7021 Datasheet HTML 173Page - Renesas Technology Corp SH7021 Datasheet HTML 174Page - Renesas Technology Corp SH7021 Datasheet HTML 175Page - Renesas Technology Corp SH7021 Datasheet HTML 176Page - Renesas Technology Corp SH7021 Datasheet HTML 177Page - Renesas Technology Corp SH7021 Datasheet HTML 178Page - Renesas Technology Corp SH7021 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 509 page
background image
RENESAS 157
For details on bus cycles when external spaces are accessed, see section 8.4, External Memory
Space Access, section 8.5, DRAM Space Access, and section 8.6, Address/Data Multiplexed I/O
Space Access.
Accesses of on-chip spaces are as follows: On-chip peripheral module spaces (area 5 when address
bit A27 is 1) are always 3 states, regardless of the WCR, with no
WAIT signal sampling. Accesses
of on-chip ROM (area 0 when MD2–MD0 are 010) and on-chip RAM (area 7 when address bit
A27 is 0) are always performed in 1 state, regardless of the WCR, with no
WAIT signal sampling.
If the bus timing specifications (tWTS and tWTH) are not observed when the WAIT signal is input
in external space access, this will simply mean that
WAIT signal assertion and negation will not
be detected, but will not result in misoperation. Note, however, that the inability to detect
WAIT
signal assertion may result in a problem with memory access due to insertion of an insufficient
number of waits.
8.10
Bus Arbitration
The SuperH microcomputer can release the bus to external devices when they request the bus. It
has two internal bus masters, the CPU and the DMAC. Priorities for releasing the bus for these
two are as follows.
Bus request from external device > refresh > DMAC > CPU
Thus, an external device has priority when it generates a bus request, even when the DMAC is
doing a burst transfer.
Note that when a refresh request is generated while the bus is released to an external device,
BACK becomes high level and the bus right can be acquired to perform the refresh upon receipt of
a
BREQ = high level response from the external device. Input all bus requests from external
devices to the
BREQ pin. The signal indicating that the bus has been released is output from the
BACK pin. Figure 8.35 illustrates the bus release procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com