Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 174Page - Renesas Technology Corp SH7021 Datasheet HTML 175Page - Renesas Technology Corp SH7021 Datasheet HTML 176Page - Renesas Technology Corp SH7021 Datasheet HTML 177Page - Renesas Technology Corp SH7021 Datasheet HTML 178Page - Renesas Technology Corp SH7021 Datasheet HTML 179Page - Renesas Technology Corp SH7021 Datasheet HTML 180Page - Renesas Technology Corp SH7021 Datasheet HTML 181Page - Renesas Technology Corp SH7021 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 509 page
background image
160 RENESAS
2. Countermeasure against a spike on the
BACK signal
The following describes the countermeasure against a spike on the
BACK signal:
a. When
BREQ is input to release the bus of the LSI, make sure that conflicts with a refresh
operation do not occur. Stop the refresh operation or operate the refresh timer counter
(RTCNT) or the refresh time constant register (RTCOR) of the bus controller (BSC) to
shift the refresh timing.
b. The spike on the
BACK signal has a narrow pulse width of approximately 2 to 5 ns, which
can be eliminated by using a capacitor as shown in the figure below.
For example, adding a capacitance of 220 pF can raise the minimum voltage of the spike
above 2.0 V.
Note that delay of the
BACK signal increases approximately in units of 0.1 ns/pF. (When a
capacitance of 220 pF is added, the delay increases approximately by 22 ns.
BACK
SuperH
Microcomputer
C
Capacitor-incorporating circuit for eliminating a spike
c. Latching the
BACK signal by using a flip-flop or triggering the flip-flop may be successful
or unsuccessful due to the narrow pulse width of the spike. Implement a circuit
configuration which will cause no problems when latching BACK or using
BACK as a
trigger signal.
When splitting the
BACK signal into two signals and latching each of them using the flip-
flop or triggering the flip-flop, the flip-flop may operate for one signal but may not for
another. To capture the BACK signal using the flip-flop, receive the
BACK signal using a
single flip-flop then distribute the signal (see figure below).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com