Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 304Page - Renesas Technology Corp SH7021 Datasheet HTML 305Page - Renesas Technology Corp SH7021 Datasheet HTML 306Page - Renesas Technology Corp SH7021 Datasheet HTML 307Page - Renesas Technology Corp SH7021 Datasheet HTML 308Page - Renesas Technology Corp SH7021 Datasheet HTML 309Page - Renesas Technology Corp SH7021 Datasheet HTML 310Page - Renesas Technology Corp SH7021 Datasheet HTML 311Page - Renesas Technology Corp SH7021 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 509 page
background image
292 RENESAS
10.6.8
Contention between General Register Write and Input Capture
If an input capture signal is generated during the T3 state of a general register write cycle, the
input capture transfer takes priority and the write to the GR is not performed. The timing is shown
in figure 10.65.
T1
T2
T3
GR write cycle
GR address
M
CK
Address
Internal
write signal
Input capture
signal
TCNT
GR
M
Figure 10.65 Contention between General Register Write and Input Capture
10.6.9
Note on Waveform Cycle Setting
When a counter is cleared by compare match, the counter is cleared in the last state in which the
TCNT value matches the GR value (when the TCNT is updated from the matching count to the
next count). The actual counter frequency is therefore given by the following formula:
f =
φ/(N + 1)
(f: counter frequency.
φ: operating frequency. N: value set in the GR.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com