| Electronic Components Datasheet Search |
|
SH7021 Datasheet(PDF) 311 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7021 Datasheet(HTML) 311 Page - Renesas Technology Corp |
|
311 / 509 page ![]() RENESAS 295 10.6.13 Clearing the Complementary PWM Mode Figure 10.69 shows the procedure for clearing the complementary PWM mode. First, reset the combination mode bits CMD1 and CMD0 in the timer function control register (TFCR) from 10 to either 00 or 01. The mode will switch from complementary PWM mode to normal operating mode. Next, wait for at least 1 clock of the counter input clock being used for channels 3 and 4 and then clear the counter start bits STR3 and STR4 of the timer start register (TSTR). The channels 3 and 4 counters TCNT3 and TCNT4 will stop counting. Clearing the complementary PWM mode by any other procedure may result in changes other than those set for the output waveform when complementary PWM mode is set again. 1. Clear the CMD1 bit of the TFCR to 0 to set channels 3 and 4 for normal operation Complementary PWM mode Clear complementary PWM mode Halt Count 2. Wait at least 1 clock after setting channels 3 and 4 for normal operation and then clear the STR3 and STR4 bits of the TSTR to 0 to halt the TCNT3 and TCNT4 counters Normal operation Figure 10.69 Clearing the Complementary PWM Mode 10.6.14 ITU Operating Modes Tables 10.18–10.22 show the ITU operating modes for channels 0–4. 10.6.15 Note on Counter Clearing by Input Capture If TCNT is cleared (to H'0000) by input capture when its value is H'FFFF, overflow will not occur. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |