Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 117Page - Renesas Technology Corp 4501 Datasheet HTML 118Page - Renesas Technology Corp 4501 Datasheet HTML 119Page - Renesas Technology Corp 4501 Datasheet HTML 120Page - Renesas Technology Corp 4501 Datasheet HTML 121Page - Renesas Technology Corp 4501 Datasheet HTML 122Page - Renesas Technology Corp 4501 Datasheet HTML 123Page - Renesas Technology Corp 4501 Datasheet HTML 124Page - Renesas Technology Corp 4501 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 212 page
background image
2.1 I/O pins
2-4
Rev.2.01
Feb 07, 2005
4501 Group
APPLICATION
REJ09B0192-0201
(5)
Port C
Port C is a 1-bit I/O port.
s Input/output of port C
q Data input to port C
Set the output latch of specified port C to “1” with the SCP instruction. If the output latch is set
to “0,” “L” level is input.
When the SNZCP instruction is executed, if the port C is “1,” the next instruction is skipped.
If it is “0,” the next instruction is executed.
q Data output from port C
Set the output level to the output latch with the SCP and RCP instructions.
The state of pin enters the high-impedance state when the SCP instruction is executed.
The state of pin becomes “L” level when the RCP instruction is executed.
The output structure is an N-channel open-drain.
Note: Port C is also used as port D2. Accordingly, when using port C, set the output latch to “1” with
the SD instruction.
(6)
Port K
Port K is a 1-bit I/O port.
s Input/output of port K
q Data input to port K
Set the output latch of specified port K to “1” with the OKA instruction. If the output latch is set
to “0,” “L” level is input.
The state of port K is transferred to register A when the IAK instruction is executed.
However, port K is 1 bit and A1, A2 and A3 are fixed to “0.”
q Data output from port K
The contents of register A is output to port K with the OKA instruction.
The output structure is an N-channel open-drain.
Note: Port K is also used as port D3. Accordingly, when using port K, set the output latch to “1” with
the SD instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com