Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 121Page - Renesas Technology Corp 4501 Datasheet HTML 122Page - Renesas Technology Corp 4501 Datasheet HTML 123Page - Renesas Technology Corp 4501 Datasheet HTML 124Page - Renesas Technology Corp 4501 Datasheet HTML 125Page - Renesas Technology Corp 4501 Datasheet HTML 126Page - Renesas Technology Corp 4501 Datasheet HTML 127Page - Renesas Technology Corp 4501 Datasheet HTML 128Page - Renesas Technology Corp 4501 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 212 page
background image
2.1 I/O pins
2-8
Rev.2.01
Feb 07, 2005
4501 Group
APPLICATION
REJ09B0192-0201
(7)
Timer control register W6
Bit 0 of register W6 selects the P12/CNTR function, and bit 1 controls the CNTR output.
Set the contents of this register through register A with the TW6A instruction.
The contents of register W6 is transferred to register A with the TAW6 instruction.
Table 2.1.7 shows the timer control register W6.
Table 2.1.7 Timer control register W6
Timer control register W6
at reset : 00002
at RAM back-up : state retained
R/W
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
Timer 1 underflow signal divided by 2 output
Timer 2 underflow signal divided by 2 output
P12 (I/O) / CNTR input
P12 (input) / CNTR input/output
Not used
Not used
CNTR output control bit
P12/CNTR function selection bit
0
1
0
1
0
1
0
1
W63
W62
W61
W60
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When setting the port, W63–W61 are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com