Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 124Page - Renesas Technology Corp 4501 Datasheet HTML 125Page - Renesas Technology Corp 4501 Datasheet HTML 126Page - Renesas Technology Corp 4501 Datasheet HTML 127Page - Renesas Technology Corp 4501 Datasheet HTML 128Page - Renesas Technology Corp 4501 Datasheet HTML 129Page - Renesas Technology Corp 4501 Datasheet HTML 130Page - Renesas Technology Corp 4501 Datasheet HTML 131Page - Renesas Technology Corp 4501 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 212 page
background image
2.1 I/O pins
2-11
4501 Group
APPLICATION
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
Table 2.1.8 Connections of unused pins
Connection
Connect to VSS.
Open.
Open. (Output latch is set to “1.”)
Open. (Output latch is set to “0.”)
Connect to VSS.
Open. (Output latch is set to “1.”)
Open. (Output latch is set to “0.”)
Connect to VSS.
Open. (Output latch is set to “1.”)
Open. (Output latch is set to “0.”)
Connect to VSS.
Open. (Output latch is set to “1.”)
Open. (Output latch is set to “0.”)
Connect to VSS.
Open. (Output latch is set to “1.”)
Open. (Output latch is set to “0.”)
Connect to VSS.
Open. (Output latch is set to “1.”)
Open. (Output latch is set to “0.”)
Connect to VSS.
Pin
XIN
XOUT
D0, D1
D2/C
D3/K
P00–P03
P10, P11
P12/CNTR
P13/INT
P20/AIN0
P21/AIN1
Usage condition
System operates by the on-chip oscillator. (Note 1)
System operates by the external clock.
(The ceramic resonator is selected with the CMCK instruction.)
System operates by the RC oscillator.
(The RC oscillation is selected with the CRCK instruction.)
System operates by the on-chip oscillator. (Note 1)
The key-on wakeup function is not selected. (Note 4)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
The key-on wakeup function is not selected. (Note 4)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
The key-on wakeup function is not selected. (Note 4)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
The key-on wakeup function is not selected. The input to INT
pin is disabled. (Notes 4, 5)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
The key-on wakeup function is not selected. (Note 4)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
The pull-up function and the key-on wakeup function are not
selected. (Notes 2, 3)
Notes 1: When the ceramic resonator or the RC oscillation is not selected by program, system operates by
the on-chip oscillator (internal oscillator).
2: When the pull-up function is left valid, the supply current is increased. Do not select the pull-up function.
3: When the key-on wakeup function is left valid, the system returns from the RAM back-up state
immediately after going into the RAM back-up state.
Do not select the key-on wakeup function.
4: When selecting the key-on wakeup function, select also the pull-up function.
5: Clear the bit 3 (I13) of register I1 to “0” to disable to input to INT pin (after reset: I13 = “0”)
(Note when connecting to VSS)
q Connect the unused pins to VSS using the thickest wire at the shortest distance against noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com