Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 127Page - Renesas Technology Corp 4501 Datasheet HTML 128Page - Renesas Technology Corp 4501 Datasheet HTML 129Page - Renesas Technology Corp 4501 Datasheet HTML 130Page - Renesas Technology Corp 4501 Datasheet HTML 131Page - Renesas Technology Corp 4501 Datasheet HTML 132Page - Renesas Technology Corp 4501 Datasheet HTML 133Page - Renesas Technology Corp 4501 Datasheet HTML 134Page - Renesas Technology Corp 4501 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 212 page
background image
2.2 Interrupts
2-14
Rev.2.01
Feb 07, 2005
4501 Group
APPLICATION
REJ09B0192-0201
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: This instruction is equivalent to the NOP instruction.
3: When the interrupt is set, V23, V21 and V20 are not used.
(4)
Interrupt request flag
The activated condition for each interrupt is examined. Each interrupt request flag is set to “1” when
the activated condition is satisfied, even if the interrupt is disabled by the INTE flag or its interrupt
enable bit.
Each interrupt request flag is cleared to “0” when either;
•an interrupt occurs, or
•the next instruction is skipped with a skip instruction.
Interrupt control register V2
at reset : 00002
at RAM back-up : 00002
R/W
This bit has no function, but read/write is enabled.
Interrupt disabled (SNZAD instruction is valid)
Interrupt enabled (SNZAD instruction is invalid) (Note 2)
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
Not used
A/D interrupt enable bit
Not used
Not used
V23
V22
V21
V20
0
1
0
1
0
1
0
1
(3)
Interrupt control register V2
Interrupt enable bit of A/D is assigned to register V2.
Set the contents of this register through register A with the TV2A instruction.
In addition, the TAV2 instruction can be used to transfer the contents of register V2 to register A.
Table 2.2.2 shows the interrupt control register V2.
Table 2.2.2 Interrupt control register V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com