Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 125Page - Renesas Technology Corp 4501 Datasheet HTML 126Page - Renesas Technology Corp 4501 Datasheet HTML 127Page - Renesas Technology Corp 4501 Datasheet HTML 128Page - Renesas Technology Corp 4501 Datasheet HTML 129Page - Renesas Technology Corp 4501 Datasheet HTML 130Page - Renesas Technology Corp 4501 Datasheet HTML 131Page - Renesas Technology Corp 4501 Datasheet HTML 132Page - Renesas Technology Corp 4501 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 212 page
background image
2.2 Interrupts
2-12
Rev.2.01
Feb 07, 2005
4501 Group
APPLICATION
REJ09B0192-0201
2.2 Interrupts
The 4501 Group has four interrupt sources : external (INT), timer 1, timer 2, and A/D.
This section describes individual types of interrupts, related registers, application examples using interrupts
and notes.
2.2.1 Interrupt functions
(1)
External 0 interrupt (INT)
The interrupt request occurs by the change of input level of INT pin.
The interrupt valid waveform can be selected by the bits 1 and 2, and the INT pin input is controlled
by the bit 3 of the interrupt control register I1.
s External 0 interrupt INT processing
q When the interrupt is used
The interrupt occurrence is enabled when the bit 0 of the interrupt control register V1 and the
interrupt enable flag INTE are set to “1.” When the external 0 interrupt occurs, the interrupt
processing is executed from address 0 in page 1.
q When the interrupt is not used
The interrupt is disabled and the SNZ0 instruction is valid when the bit 0 of register V1 is set
to “0.”
(2)
Timer 1 interrupt
The interrupt request occurs by the timer 1 underflow.
s Timer 1 interrupt processing
q When the interrupt is used
The interrupt occurrence is enabled when the bit 2 of the interrupt control register V1 and the
interrupt enable flag INTE are set to “1.” When the timer 1 interrupt occurs, the interrupt processing
is executed from address 4 in page 1.
q When the interrupt is not used
The interrupt is disabled and the SNZT1 instruction is valid when the bit 2 of register V1 is set
to “0.”
(3)
Timer 2 interrupt
The interrupt request occurs by the timer 2 underflow.
s Timer 2 interrupt processing
q When the interrupt is used
The interrupt occurrence is enabled when the bit 3 of the interrupt control register V1 and the
interrupt enable flag INTE are set to “1.” When the timer 2 interrupt occurs, the interrupt processing
is executed from address 6 in page 1.
q When the interrupt is not used
The interrupt is disabled and the SNZT2 instruction is valid when the bit 3 of register V1 is set
to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com