Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 143Page - Renesas Technology Corp 4501 Datasheet HTML 144Page - Renesas Technology Corp 4501 Datasheet HTML 145Page - Renesas Technology Corp 4501 Datasheet HTML 146Page - Renesas Technology Corp 4501 Datasheet HTML 147Page - Renesas Technology Corp 4501 Datasheet HTML 148Page - Renesas Technology Corp 4501 Datasheet HTML 149Page - Renesas Technology Corp 4501 Datasheet HTML 150Page - Renesas Technology Corp 4501 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 212 page
background image
2.3 Timers
2-30
Rev.2.01
Feb 07, 2005
4501 Group
APPLICATION
REJ09B0192-0201
Fig. 2.3.7 Timer start by external input setting example (2)
b3b0
1
➇ Set Valid Waveform
Valid waveform of INT pin is selected.
INT pin input enabled, rising selected, Timer 1 control is enabled.
Interrupt control register I1 1
Rising edge detected (TI1A instruction)
1 0
b3
b0
1
Enable Interrupts
The timer 1 interrupt which is temporarily disabled is enabled.
Interrupt control register V1
“1”
Timer 1 interrupt occurrence enabled
(TV1A instruction)
All interrupts enabled (EI instruction)
✕✕
✕
Timer start by external input
“✕”: it can be “0” or “1.”
Interrupt enable flag INTE
b3b0
✕
➈ Set Auto-stop circuit
Timer 1 count auto-stop is selected.
Interrupt control register W2
✕
Timer 1 count auto-stop selected
(TW2A instruction)
1 ✕
➉ Clear Interrupt Request
INT interrupt activated condition is cleared.
External 0 interrupt request flag EXF0
“0”
INT interrupt activated condition cleared
(SNZ0 instruction)
Note when the interrupt request is cleared
When ➉ is executed, considering the skip of the next instruction according to the
interrupt request flag EXF0, insert the NOP instruction after the SNZ0 instruction.
11
Continued from Figure 2.3.6 on the preceding page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com