Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 146Page - Renesas Technology Corp 4501 Datasheet HTML 147Page - Renesas Technology Corp 4501 Datasheet HTML 148Page - Renesas Technology Corp 4501 Datasheet HTML 149Page - Renesas Technology Corp 4501 Datasheet HTML 150Page - Renesas Technology Corp 4501 Datasheet HTML 151Page - Renesas Technology Corp 4501 Datasheet HTML 152Page - Renesas Technology Corp 4501 Datasheet HTML 153Page - Renesas Technology Corp 4501 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 212 page
background image
2.4 A/D converter
2-33
4501 Group
APPLICATION
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
2.4 A/D converter
The 4501 Group has a 2-channel A/D converter with the 10-bit successive comparison method.
This A/D converter can also be used as a comparator to compare analog voltages input from the analog
input pin with preset values.
This section describes the related registers, application examples using the A/D converter and notes.
Figure 2.4.1 shows the A/D converter block diagram.
Fig. 2.4.1 A/D converter structure
VSS
VDD
DAC
DA converter
TABAD
1/6
Q13
Q11 Q10
Q12
TADAB
0
1
4
4
4
4
8
8
8
01
1
8
10
Q13
Q13
0
1
Q13
8
(Note 1)
8
2
TALA
Q13
TAQ1
TQ1A
ADF
(1)
P20/AIN0
2
1
0
10
P21/AIN1
IAP2
(P20, P21)
OP2A
(P20, P21)
Register A (4)
Register B (4)
DAC
operation
signal
Comparator
Instruction clock
A/D control circuit
Successive comparison
register (AD) (10)
A/D
interrupt
Comparator register (8)
Notes 1: This switch is turned ON only when A/D converter is operating and generates the comparison voltage.
2: Writing/reading data to the comparator register is possible only in the comparator mode (Q13=1).
The value of the comparator register is retained even when the mode is switched to the A/D conversion
mode (Q13=0) because it is separated from the successive comparison register (AD). Also, the resolution
in the comparator mode is 8 bits because the comparator register consists of 8 bits.
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com