Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 153Page - Renesas Technology Corp 4501 Datasheet HTML 154Page - Renesas Technology Corp 4501 Datasheet HTML 155Page - Renesas Technology Corp 4501 Datasheet HTML 156Page - Renesas Technology Corp 4501 Datasheet HTML 157Page - Renesas Technology Corp 4501 Datasheet HTML 158Page - Renesas Technology Corp 4501 Datasheet HTML 159Page - Renesas Technology Corp 4501 Datasheet HTML 160Page - Renesas Technology Corp 4501 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 212 page
background image
2-40
Rev.2.01
Feb 07, 2005
4501 Group
APPLICATION
REJ09B0192-0201
2.5.3 Notes on use
(1)
Register initial value
The initial value of the following registers are undefined after system is released from reset. After
system is released from reset, set initial values.
• Register Z (2 bits)
• Register D (3 bits)
• Register E (8 bits)
(2)
Power-on reset
Reset can be automatically performed at power on (power-on reset) by the built-in power-on reset
circuit. When the built-in power-on reset circuit is used, the time for the supply voltage to rise from
0 V to 2.0 V must be set to 100 µs or less. If the rising time exceeds 100 µs, connect a capacitor
between the RESET pin and VSS at the shortest distance, and input “L” level to RESET pin until the
value of supply voltage reaches the minimum operating voltage.
2.5 Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com