Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 155Page - Renesas Technology Corp 4501 Datasheet HTML 156Page - Renesas Technology Corp 4501 Datasheet HTML 157Page - Renesas Technology Corp 4501 Datasheet HTML 158Page - Renesas Technology Corp 4501 Datasheet HTML 159Page - Renesas Technology Corp 4501 Datasheet HTML 160Page - Renesas Technology Corp 4501 Datasheet HTML 161Page - Renesas Technology Corp 4501 Datasheet HTML 162Page - Renesas Technology Corp 4501 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 212 page
background image
2.7 RAM back-up
2-42
Rev.2.01
Feb 07, 2005
4501 Group
APPLICATION
REJ09B0192-0201
2.7 RAM back-up
2.7.1 RAM back-up mode
The system enters RAM back-up mode when the POF or POF2 instruction is executed after the EPOF
instruction is executed. Table 2.7.1 shows the function and state retained at RAM back-up mode. Also,
Table 2.7.2 shows the return source from this state.
(1)
RAM back-up mode
As oscillation stops with RAM, the state of reset circuit retained, current dissipation can be reduced
without losing the contents of RAM.
Table 2.7.1 Functions and states retained at RAM back-up mode
Notes 1: “O” represents that the function can be retained, and “✕” represents that the function is initialized.
Registers and flags other than the above are undefined at RAM back-up, and set an initial value
after returning.
2: The stack pointer (SP) points the level of the stack register and is initialized to “7” at RAM back-up.
3: The state of the timer is undefined.
4: Initialize the watchdog timer flag WDF1 with the WRST instruction, and then execute the POF or
POF2 instruction.
5: The voltage drop detection circuit is operating at the RAM back-up state and sytem reset occurs
when the voltage drop is detected.
6: As for the D2/C pin, the output latch of port C is set to “1” at the RAM back-up. However, the
output latch of port D2 is retained. As for the other ports, their output levels are retained at the
RAM back-up.
Function
Program counter (PC), registers A, B, carry flag (CY), stack pointer (SP) (Note 2)
Contents of RAM
Port level
Selected oscillation circuit
Timer control register W1
Timer control registers W2, W6
Clock control register MR
Interrupt control registers V1, V2
Interrupt control register I1
Timer 1 function
Timer 2 function
A/D function
Voltage drop detection circuit
Pull-up control registers PU0–PU2
Key-on wakeup control registers K0–K2
A/D control register Q1
External 0 interrupt request flag (EXF0)
Timer 1 interrupt request flag (T1F)
Timer 2 interrupt request flag (T2F)
A/D conversion completion flag (ADF)
Watchdog timer flag (WDF1)
Watchdog timer enable flag (WEF)
16-bit timer (WDT)
Interrupt enable flag (INTE)
POF
✕
O
(Note 6)
O
✕
O
✕
✕
O
✕
(Note 3)
✕
O (Note 5)
O
O
O
✕
✕
(Note 3)
✕
✕ (Note 4)
✕
✕ (Note 4)
✕
RAM back-up
POF2
✕
O
(Note 6)
O
✕
O
✕
✕
O
✕
(Note 3)
✕
✕
O
O
O
✕
✕
(Note 3)
✕
✕ (Note 4)
✕
✕ (Note 4)
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com