Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 185Page - Renesas Technology Corp 7477 Datasheet HTML 186Page - Renesas Technology Corp 7477 Datasheet HTML 187Page - Renesas Technology Corp 7477 Datasheet HTML 188Page - Renesas Technology Corp 7477 Datasheet HTML 189Page - Renesas Technology Corp 7477 Datasheet HTML 190Page - Renesas Technology Corp 7477 Datasheet HTML 191Page - Renesas Technology Corp 7477 Datasheet HTML 192Page - Renesas Technology Corp 7477 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-182
HARDWARE
1.19 Built-in PROM version
Input/
Output
Input
Input
Input
Input
Input
Output
Input/
output
Input/
output
Name
Power source
Analog power
source
Reference
voltage input
Mode input
Reset input
Reset input
Clock input
Clock output
I/O port P0
Data I/O D0–D7
Functions
• Apply the following voltage to the VCC pin:
2.7 V to 4.5 V (at f(XIN) = (2.2 VCC–2) MHz) or
4.5 V to 5.5 V (at f(XIN) = 8 MHz).
• Apply 0 V to the VSS pin.
• Ground level input pin for the A-D converter.
• Apply the same voltage as the VSS pin to the
AVSS pin.
Note: This pin is dedicated to 56P6N-A package
products among the 7471/7478 group.
• Reference voltage input pin for the A-D con-
verter.
• When using the A-D converter, apply VCC/2 (Q2)
to VCC [V].
• When not using the A-D converter, connect to
VCC.
• VREF works as CE input.
• Reset input pin
• The microcomputer is put into a reset state by
keeping the RESET pin at “L” for 2
ms or more,
and the reset state is released by returning the
RESET
pin to “H.”
• Connect to the VSS pin.
• An input pin and an output pin for the main
clock generating circuit.
• Connect a ceramic resonator or a quartz-crys-
tal oscillator between pins XIN and XOUT.
• A feedback resistor is incorporated between the
XIN and the XOUT pins.
• To use an external clock input, connect the
clock oscillation source to the XIN pin and leave
the XOUT pin open.
• Port P0 is an 8-bit I/O port.
• The output structure is CMOS output.
• In input mode, a pull-up transistor is connect-
able in units of one bit.
• In input mode, a key-on wake up function is
provided.
• Port P0 works as data I/O (D0 – D7)
Mode
Ordinary
/EPROM
Ordinary
/EPROM
Ordinary
EPROM
Ordinary
EPROM
Ordinary
/EPROM
Ordinary
/EPROM
Ordinary
EPROM
1.19.2 Pin description
Table 1.19.3 to Table 1.19.5 show the description of pin functions in the ordinary mode and the EPROM
mode.
Table 1.19.3 Pin description (1)
Pin
VCC, VSS
AVSS
VREF
RESET
XIN
XOUT
P00–P07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com