Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 188Page - Renesas Technology Corp 7477 Datasheet HTML 189Page - Renesas Technology Corp 7477 Datasheet HTML 190Page - Renesas Technology Corp 7477 Datasheet HTML 191Page - Renesas Technology Corp 7477 Datasheet HTML 192Page - Renesas Technology Corp 7477 Datasheet HTML 193Page - Renesas Technology Corp 7477 Datasheet HTML 194Page - Renesas Technology Corp 7477 Datasheet HTML 195Page - Renesas Technology Corp 7477 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 361 page
background image
1-185
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.19 Built-in PROM version
Reading
Output disable
Writing
Writing verify
Writing disable
OE
VIL
VIH
VIH
VIL
VIH
VPP
VCC
VCC
VPP
VPP
VPP
VCC
VCC
RESET
0V
D0 to D7
Output
Floating
Input
Output
Floating
Pin
Note: VIL denotes an “L” input voltage and VIH denotes an “H” input voltage.
CE
VIL
VIL
VIL
VIH
VIH
Mode
1.19.3 Writing, reading, and erasing to built-in PROM
The built-in PROM version is put into the EPROM mode by applying the “L” level to the RESET pin. Write,
read and erase operations to the built-in PROM in the EPROM mode are described below.
Table 1.19.6 shows input signals in each mode.
(1) Reading
q Apply 0 V to the RESET pin and 5 V to the VCC pin.
q When an address signal (A0-A14) is input and the CE pin and the OE pin are caused to go “L”, the
contents of the PROM appear to data I/O pins (D0-D7).
q The data I/O pins (D0-D7) are put into a floating when either the CE pin or the OE pin is in the “H”
state.
(2) Writing
q Apply 0 V to the RESET pin and 5 V to the VCC pin.
q When the OE pin is caused to go to “H” and VPP is applied to the VPP pin, the program mode is
provided.
q Set an address to the address input pins (A0-A14) and give write data to the data I/O pins (D0-D7)
in parallel.
q In the above condition, a write operation is performed by causing the CE pin to go to “L”.
When using a PROM programmer, specify an address into the following area.
q Address 600016 to address 7FFF16 (for the M3747xE4)
q Address 400016 to address 7FFF16 (for the M3747xE8)
(3) Erasing
q An erase operation is enabled only in the built-in EPROM version with window (M37471E8SS/
M37478E8SS).
q Data can be erased by irradiating ultraviolet rays having a wave length of 2537Å.
q The minimum amount of irradiation required for an erase operation is 15 W•s/cm2.
Table 1.19.6 Input/Output signal on each mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com