Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 191Page - Renesas Technology Corp 7477 Datasheet HTML 192Page - Renesas Technology Corp 7477 Datasheet HTML 193Page - Renesas Technology Corp 7477 Datasheet HTML 194Page - Renesas Technology Corp 7477 Datasheet HTML 195Page - Renesas Technology Corp 7477 Datasheet HTML 196Page - Renesas Technology Corp 7477 Datasheet HTML 197Page - Renesas Technology Corp 7477 Datasheet HTML 198Page - Renesas Technology Corp 7477 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 361 page
background image
7470/7471/7477/7478 GROUP USER‘S MANUAL
1-188
HARDWARE
1.20 Emulator MCU
1.20 Emulator MCU
The M37471RSS and the M37478RSS are emulator MCUs for the 7470/7471/7477/7478 group software
development. When an emulator is connected to the socket on the top surface, user program debugging
can be performed efficiently by using a real-time trace function, etc.
It is possible to monitor every internal bus information through the emulator because 16 address bus
signals, two-way data bus signals and SYNC, RD, WR and
f signals are output from the socket on the top
surface.
In the debug system using the M37471RSS and the M37478RSS, the MCU pins for emulator are directly
connected to the user system. This permits debugging in a condition similar to a real mounting condition.
For details of development support systems for the M37471RSS and the M37478RSS, refer to the
“DEVELOPMENT SUPPORT TOOLS FOR MICROCOMPUTER” data book.
Figure 1.20.1 shows a pin connection diagram of
the M37471RSS and M37478RSS.
Fig. 1.20.1 Pin configuration of M37471RSS and M37478RSS
2
P52
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
P07
P06
P05
P04
P03
P02
P01
P00
P43
P42
P41
P40
P33/CNTR1
P32/CNTR0
P31/INT1
P30/INT0
P51/XCOUT
P50/XCIN
VCC
P53
P16/CLK
P15/SOUT
P14/SIN
P13/T1
P12/T0
P11
P10
P27/IN7
P26/IN6
P25/IN5
P24/IN4
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
28
27
26
25
24
23
22
21
20
19
18
17
16
CNVSS2
A12
A7
A6
A5
A4
A3
A2
A1
A0
A14
A13
A11
D3/A14
D4/A15
VSS2
VCC2
D2/SYNC
D5
D6
D7
S
A10
φ
A9
A8
M37471RSS
M37478RSS
RESET
P17/SRDY
D0/RD
D1/WR
(Note 2)
(Note 3)
Outline 42S1M
PIN CONFIGURATION (TOP VIEW)
Notes 1: In the case of the M37478RSS, the pins CLK, S
, S
shown in this
figure function as the pins S
, TxD, RxD respectively.
2: In the case of the M37478RSS, the pins P2 /IN0–P27/IN7 shown in this
figure function as the input pins.
3: The power source voltage of the M37471RSS and the M37478RSS is 5 V
±5 %.
(Note 1)
0
OUT
CLK
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com