Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 192Page - Renesas Technology Corp 7477 Datasheet HTML 193Page - Renesas Technology Corp 7477 Datasheet HTML 194Page - Renesas Technology Corp 7477 Datasheet HTML 195Page - Renesas Technology Corp 7477 Datasheet HTML 196Page - Renesas Technology Corp 7477 Datasheet HTML 197Page - Renesas Technology Corp 7477 Datasheet HTML 198Page - Renesas Technology Corp 7477 Datasheet HTML 199Page - Renesas Technology Corp 7477 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.21 Electrical characteristics
1-189
1.21 Electrical characteristics
1.21.1 Electrical characteristics
(1) 7470 group electrical characteristics
Table 1.21.1 shows the absolute maximum ratings of the 7470 group. Table 1.21.2 shows the
recommended operating conditions. Table 1.21.3 shows the electrical characteristics.
Table 1.21.4 shows the A-D converter characteristics.
Table 1.21.1 Absolute maximum ratings (7470 group)
Unit
V
V
V
mW
°C
°C
Symbol
VCC
VI
VO
Pd
Topr
Tstg
Parameter
Power source voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Ratings
–0.3 to +7
–0.3 to VCC+0.3
–0.3 to VCC+0.3
1000
–20 to +85
–40 to +150
Conditions
All voltages are based on VSS.
Output transistors are cut-off.
Ta = 25
°C
Table 1.21.2 Recommended operating conditions (7470 group)
(VCC = 2.7 V to 5.5 V, VSS = 0 V, Ta = –20
°C to +85 °C, unless otherwise noted)
Symbol
Parameter
Unit
Limits
Max.
Typ.
Min.
4.5
2.7
0.8VCC
0.7VCC
0.8VCC
0
0
0
0
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
MHz
5.5
4.5
VCC
VCC
VCC
0.2VCC
0.25VCC
0.16VCC
0.12VCC
–30
–30
60
60
–10
20
–5
10
2
1
2
1
8
2.2VCC–2.0
5.0
0
Power source voltage
f(XIN) = 8.0 MHz
f(XIN) = (2.2VCC–2.0 )MHz
Power source voltage
“H” input voltage P00 to P07, P10 to P17, P30 to P33
“H” input voltage P20 to P23, P40, P41
“H” input voltage XIN, RESET
“L” input voltage P00 to P07, P10 to P17, P30 to P33
“L” input voltage P20 to P23, P40, P41
“L” input voltage XIN
“L” input voltage RESET
“H” sum output current of P00 to P07 and P40 and P41
“H” sum output current of P10 to P17 and P20 to P23
“L” sum output current of P00 to P07, P40 and P41
“L” sum output current of P10 to P17 and P20 to P23
“H” peak output current
P00 to P07, P10 to P17, P20 to P23, P40, P41
“L” peak output current
P00 to P07, P10 to P17, P20 to P23, P40, P41
“H” average output current
P00 to P07, P10 to P17, P20 to P23, P40, P41 (Note 1)
“L” average
output current
P00 to P07, P10 to P17, P20 to P23, P40, P41 (Note 1)
Notes
1: The average output current IOH (avg) or IOL (avg) are the average value during a 100 ms.
2: The oscillation frequency is at 50 % duty cycle.
VCC
VSS
VIH
VIH
VIH
VIL
VIL
VIL
VIL
IOH(sum)
IOH(sum)
IOL(sum)
IOL(sum)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
f(CNTR)
f(CLK)
f(XIN)
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
VCC = 4.5 V to 5.5 V
VCC = 2.7 V to 4.5 V
Timer input frequency
CNTR0 (P32),
CNTR1 (P33) (Note 2)
Serial I/O clock input frequency
CLK (P16) (Note 2)
Clock input oscillation frequency
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com