Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 186Page - Renesas Technology Corp 7477 Datasheet HTML 187Page - Renesas Technology Corp 7477 Datasheet HTML 188Page - Renesas Technology Corp 7477 Datasheet HTML 189Page - Renesas Technology Corp 7477 Datasheet HTML 190Page - Renesas Technology Corp 7477 Datasheet HTML 191Page - Renesas Technology Corp 7477 Datasheet HTML 192Page - Renesas Technology Corp 7477 Datasheet HTML 193Page - Renesas Technology Corp 7477 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 361 page
background image
1-183
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.19 Built-in PROM version
Input/
Output
Input/
output
Input
Input/
output
Input
Input
Name
I/O port P1
Address input
A4–A10
I/O port P2
(7470/7471
group)
Input port P2
(7477/7478
group)
Address input
A0–A3
Functions
• Port P1 is an 8-bit I/O port.
• The output structure is CMOS output.
• In input mode, pull-up transistor can be con-
nected in units of 4-bit.
• Pins P12 and P13 are in common with timer
output pins T0, T1 respectively.
• In the case of the 7470/7471 group, P14 – P17
are in common with serial I/O pins SIN, SOUT,
CLK, SRDY respectively.
• In the case of the 7470/7471 group, the out-
puts of pins SOUT and the SRDY can be N-channel
open drain outputs.
• In the case of the 7477/7478 group, pins
P14 – P17 are in common with serial I/O pins
RXD, TXD, SCLK, SRDY, respectively.
• The P11–P17 pins are address (A4 – A10) input
pins.
Put P10 into the open state.
• Port P2 is an 8-bit I/O port.
• The output structure is CMOS output.
• In input mode, pull-up transistor can be con-
nected in units of 4-bit.
• Pins P20–P27 are in common with analog input
pins IN0–IN7 respectively.
Note: The 7470 group has only the 4 pins
P20–P23 (IN0–IN3).
• Port P2 is an 8-bit input port.
• It is impossible to connect a pull-up transistor.
• Pins P20–P27 are in common with analog input
pins IN0–IN7 respectively.
Note: The 7477 group has only the 4 pins
P20–P23 (IN0–IN3) are available.
• The P20 to P23 pins are address (A0–A3) input
pins.
• In the case of the 7471/7478 group, put the
P24–P27 pins into the open state.
Mode
Ordinary
EPROM
Ordinary
EPROM
Table 1.19.4 Pin description (2)
Pin
P10–P17
P20–P27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com