Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 201Page - Renesas Technology Corp 7477 Datasheet HTML 202Page - Renesas Technology Corp 7477 Datasheet HTML 203Page - Renesas Technology Corp 7477 Datasheet HTML 204Page - Renesas Technology Corp 7477 Datasheet HTML 205Page - Renesas Technology Corp 7477 Datasheet HTML 206Page - Renesas Technology Corp 7477 Datasheet HTML 207Page - Renesas Technology Corp 7477 Datasheet HTML 208Page - Renesas Technology Corp 7477 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 361 page
background image
1-198
HARDWARE
1.21 Electrical characteristics
7470/7471/7477/7478 GROUP USER’S MANUAL
Notes 1: The rating is 500 mW for the 56P6N-A package product.
2: –40
°C to +85 °C for extended operating temperature version.
3: –65
°C to +150 °C for extended operating temperature version.
Table 1.21.14 Recommended operating conditions (7478 group)
(VCC = 2.7 V to 5.5 V, VSS = AVSS = 0 V, Ta = –20
°C to +85 °C(Note 1), unless otherwise noted)
(4) 7478 group electrical characteristics
Table 1.21.13 shows the absolute maximum ratings of the 7478 group. Table 1.21.14 shows the
recommended operating conditions. Table 1.21.15 shows the electrical characteristics.
Table 1.21.16 shows the A-D converter characteristics.
Table 1.21.13 Absolute maximum ratings (7478 group)
Unit
V
V
V
mW
°C
°C
Symbol
VCC
VI
VO
Pd
Topr
Tstg
Parameter
Power source voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Ratings
–0.3 to +7
–0.3 to VCC+0.3
–0.3 to VCC+0.3
1000 (Note 1)
–20 to +85 (Note 2)
–40 to +150 (Note 3)
Conditions
All voltages are based on VSS.
Output transistors are cut-off.
Ta = 25
°C
f(XIN) = 8 MHz
f(XIN) = 4 MHz
Symbol
Unit
Limits
Max.
Typ.
Min.
4.5
2.7
0.8VCC
0.7VCC
0.8VCC
0
0
0
0
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
kHz
kHz
MHz
MHz
MHz
MHz
kHz
5.5
4.5
VCC
VCC
VCC
0.2VCC
0.25VCC
0.16VCC
0.12VCC
–30
–30
60
60
–10
20
–5
10
2
1
500
250
2
1
8
2.2VCC–2.0
50
5.0
0
0
32
Power source voltage
f(XIN) = 8.0 MHz
f(XIN) =(2.2VCC–2.0) MHz
Power source voltage
Analog supply voltage
“H” input voltage P00 to P07, P10 to P17, P30 to P33
“H” input voltage P20 to P27, P40 to P43, P50 to P53 (Note 2)
“H” input voltage XIN, RESET
“L” input voltage P00 to P07, P10 to P17, P30 to P33
“L” input voltage P20 to P27, P40 to P43, P50 to P53 (Note 2)
“L” input voltage XIN
“L” input voltage RESET
“H” sum output current of P00 to P07 and P40 to P43
“H” sum output current of P10 to P17
“L” sum output current of P00 to P07 and P40 toP43
“L” sum output current of P10 to P17
“H” peak output current
P00 to P07, P10 to P17, P40 to P43
“L” peak output current
P00 to P07, P10 to P17, P40 to P43
“H” average output current
P00 to P07, P10 to P17, P40 to P43 (Note 3)
“L” average
output current
P00 to P07, P10 to P17, P40 to P43 (Note 3)
VCC
VSS
AVSS
VIH
VIH
VIH
VIL
VIL
VIL
VIL
IOH(sum)
IOH(sum)
IOL(sum)
IOL(sum)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
f(CNTR)
f(SCLK)
f(XIN)
f(XCIN)
Notes 1: –40
°C to +85 °C for extended operating temperature version.
2: Except when P50 is used as XCIN.
3: The average output current IOH (avg) and IOL (avg) are the average value during a 100 ms.
4: The oscillation frequency is at 50 % duty cycle.
5: Set f(XCIN) < f(XIN)/3 when the sub-clock is used.
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
Parameter
Timer input frequency
CNTR0 (P32), CNTR1 (P33) (Note 4)
Serial I/O clock input frequency
SCLK (P16) (Note 4)
Clock input oscillation frequency
(Note 4)
VCC = 4.5 V to 5.5 V
VCC = 2.7 V to 4.5 V
Use as clock synchro-
nous serial I/O mode
Use as
UART
mode
Sub-clock input oscillation frequency
(Notes 4, 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com