Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 203Page - Renesas Technology Corp 7477 Datasheet HTML 204Page - Renesas Technology Corp 7477 Datasheet HTML 205Page - Renesas Technology Corp 7477 Datasheet HTML 206Page - Renesas Technology Corp 7477 Datasheet HTML 207Page - Renesas Technology Corp 7477 Datasheet HTML 208Page - Renesas Technology Corp 7477 Datasheet HTML 209Page - Renesas Technology Corp 7477 Datasheet HTML 210Page - Renesas Technology Corp 7477 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 361 page
background image
1-200
HARDWARE
1.21 Electrical characteristics
7470/7471/7477/7478 GROUP USER’S MANUAL
Notes 1: –40
°C to +85 °C for extended operating temperature version.
2: Set the VREF voltage to 0.5 V or more and 2 V or more. When using no A-D converter, connect
it to VCC.
Table 1.21.16 A-D converter characteristics (7478 group)
(VCC = 2.7 V to 5.5 V, VSS = AVSS = 0 V, Ta = –20
°C to +85 °C(Note 1), unless otherwise noted)
Symbol
Parameter
Unit
Limits
Max.
Typ.
Min.
bits
LSB
V
k
Ω
V
8
±3
12.5
25
VCC
10
VREF
Test conditions
Resolution
Absolute accuracy
Conversion time
Reference input voltage
Ladder resistance value
Analog input voltage
VCC = 4.5 V to 5.5 V, f(XIN) = 8 MHz
VCC = 2.7 V to 5.5 V, f(XIN) = 4 MHz
0.5VCC
(Note 2)
2
0
—
—
TCONV
VREF
RLADDER
VIA
5
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com