Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 206Page - Renesas Technology Corp 7477 Datasheet HTML 207Page - Renesas Technology Corp 7477 Datasheet HTML 208Page - Renesas Technology Corp 7477 Datasheet HTML 209Page - Renesas Technology Corp 7477 Datasheet HTML 210Page - Renesas Technology Corp 7477 Datasheet HTML 211Page - Renesas Technology Corp 7477 Datasheet HTML 212Page - Renesas Technology Corp 7477 Datasheet HTML 213Page - Renesas Technology Corp 7477 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.21 Electrical characteristics
1-203
1.21.3 Power source current standard characteristics
The power source current standard characteristics described in this section are mentioned as an characteristic
example of the 7470/7471/7477/7478 group but not guaranteed by us. For standard values, refer to
“1.21.1 Electrical characteristics.”
Figure 1.21.3 shows the power source current standard characteristics measuring circuit.
Fig. 1.21.3 Power source current standard characteristics measuring circuit
ICC
A
M3747x
VCC
VSS
0 V to 5.5 V
XOUT
XIN
ICC
A
M3747x
VCC
VSS
0 V to 5.5 V
XCOUT
XCIN
1
In ordinary mode (f(X ) = 8 MHz, 4 MHz)
2
In low-speed mode (f(X
) = 32 kHz, 7471/7478 group)
IN
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com