Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 205Page - Renesas Technology Corp 7477 Datasheet HTML 206Page - Renesas Technology Corp 7477 Datasheet HTML 207Page - Renesas Technology Corp 7477 Datasheet HTML 208Page - Renesas Technology Corp 7477 Datasheet HTML 209Page - Renesas Technology Corp 7477 Datasheet HTML 210Page - Renesas Technology Corp 7477 Datasheet HTML 211Page - Renesas Technology Corp 7477 Datasheet HTML 212Page - Renesas Technology Corp 7477 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 361 page
background image
1-202
HARDWARE
1.21 Electrical characteristics
7470/7471/7477/7478 GROUP USER’S MANUAL
(2) 7477/7478 group timing requirements, switching characteristics
Table 1.21.18 shows the timing requirements and switching characteristics of the 7477/7478 group.
Figure 1.21.2 shows the timing chart.
Table 1.21.18 Timing requirements and switching characteristics (7477/7478 group)
(VCC = 4.5 V to 5.5 V, VSS = 0V, Ta = –20
°C to +85°C(Note), f(XIN) = 8 MHz)
Symbol
tc(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(RXD–SCLK)
th(SCLK-RXD)
td(SCLK-TXD)
tc(SCLK)
tWH(SCLK)
tWL(SCLK)
Parameter
Serial I/O clock input cycle time
Serial I/O clock input “H” pulse width
Serial I/O clock input “L” pulse width
Serial I/O input set up time
Serial I/O input hold time
Serial I/O output delay time
Serial I/O clock input cycle time
Serial I/O clock input “H” pulse width
Serial I/O clock input “L” pulse width
Unit
Limits
Max.
Typ.
Min.
2000
880
880
160
80
500
220
220
ns
ns
ns
ns
ns
ns
ns
ns
ns
100
Note: –40
°C to +85 °C for extended operating temperature version.
Fig. 1.21.2 Timing chart (7477/7478 group)
0.2VCC
0.2VCC
0.2VCC
0.2VCC
0.8VCC
0.8VCC
0.8VCC
0.8VCC
0.8VCC
tc(SCLK)
tWL(SCLK)
tWH(SCLK)
td(SCLK-TXD)
RXD
SCLK
TXD
tsu(RXD-SCLK)th(SCLK-RXD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com