Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 30Page - fujitsu semiconductor MB95430 Datasheet HTML 31Page - fujitsu semiconductor MB95430 Datasheet HTML 32Page - fujitsu semiconductor MB95430 Datasheet HTML 33Page - fujitsu semiconductor MB95430 Datasheet HTML 34Page - fujitsu semiconductor MB95430 Datasheet HTML 35Page - fujitsu semiconductor MB95430 Datasheet HTML 36Page - fujitsu semiconductor MB95430 Datasheet HTML 37Page - fujitsu semiconductor MB95430 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
MB95430H Series
34
DS07–12xxx–1E
(3) External Reset
(VCC = 5.0 V
±10%, VSS = 0.0 V, TA = −40°C to +85°C)
*1: See “(2) Source Clock/Machine Clock” for tMCLK.
*2: The oscillation time of an oscillator is the time for it to reach 90% of its amplitude. The crystal oscillator has
an oscillation time of between several ms and tens of ms. The ceramic oscillator has an oscillation time of
between hundreds of µs and several ms. The external clock has an oscillation time of 0 ms. The CR oscillator
clock has an oscillation time of between several µs and several ms.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
RST “L” level
pulse width
tRSTL
2 tMCLK*1
—
ns
In normal operation
Oscillation time of the
oscillator*2
+ 100
—µs
In stop mode, subclock mode,
subsleep mode, watch mode, and
power-on
100
—
µs
In time-base timer mode
0.2 VCC
RST
0.2 VCC
tRSTL
tRSTL
0.2 VCC
0.2 VCC
100
μs
X0
Internal
operating
clock
90% of
amplitude
Oscillation
time of
oscillator
Oscillation stabilization wait time
Execute instruction
Internal reset
RST
• In normal operation
• In stop mode, subclock mode, subsleep mode, watch mode and power-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com