Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 6Page - fujitsu semiconductor MB95430 Datasheet HTML 7Page - fujitsu semiconductor MB95430 Datasheet HTML 8Page - fujitsu semiconductor MB95430 Datasheet HTML 9Page - fujitsu semiconductor MB95430 Datasheet HTML 10Page - fujitsu semiconductor MB95430 Datasheet HTML 11Page - fujitsu semiconductor MB95430 Datasheet HTML 12Page - fujitsu semiconductor MB95430 Datasheet HTML 13Page - fujitsu semiconductor MB95430 Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
MB95430H Series
10
DS07–12xxx–1E
(Continued)
*1: Package code: FPT-32P-M30
*2: Package code: DIP-32P-M06
*3: For the I/O circuit types, see “
■ I/O CIRCUIT TYPE”.
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP32*1 SH-DIP32*2
21
25
P74
I
General-purpose I/O port
CMP1_P
Comparator ch. 1 positive input pin
AN10
A/D converter analog input pin
22
26
P75
I
General-purpose I/O port
CMP1_N
Comparator ch. 1 negative input pin
AN11
A/D converter analog input pin
23
27
P76
D
General-purpose I/O port
CMP2_O
Comparator ch. 2 output pin
UCK
UART/SIO clock I/O pin
24
28
P63
I
General-purpose I/O port
CMP2_P
Comparator ch. 2 positive input pin
AN12
A/D converter analog input pin
25
29
P64
I
General-purpose I/O port
CMP2_N
Comparator ch. 2 negative input pin
AN13
A/D converter analog input pin
26
30
P65
L
General-purpose I/O port
CMP3_O
Comparator ch. 3 output pin
UO
UART/SIO data output pin
SDA
I2C data I/O pin
27
31
P66
I
General-purpose I/O port
CMP3_P
Comparator ch. 3 positive input pin
AN14
A/D converter analog input pin
28
32
P67
I
General-purpose I/O port
CMP3_N
Comparator ch. 3 negative input pin
AN15
A/D converter analog input pin
29
1
PF2
A
General-purpose I/O port
RST
Reset pin
Dedicated reset pin in MB95F432H/F433H/F434H
30
2
PF0
B
General-purpose I/O port
X0
Main clock I/O oscillation pin
31
3
PF1
B
General-purpose I/O port
X1
Main clock I/O oscillation pin
32
4
VSS
—
Power supply pin (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com